Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 10 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 6Page - STMicroelectronics L9780 Datasheet HTML 7Page - STMicroelectronics L9780 Datasheet HTML 8Page - STMicroelectronics L9780 Datasheet HTML 9Page - STMicroelectronics L9780 Datasheet HTML 10Page - STMicroelectronics L9780 Datasheet HTML 11Page - STMicroelectronics L9780 Datasheet HTML 12Page - STMicroelectronics L9780 Datasheet HTML 13Page - STMicroelectronics L9780 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 56 page
background image
Operating conditions
L9780
10/56
DocID026356 Rev 3
2.3
Operating temperature range
Vin
Input voltage:
V
HD
-0.3 to 53(1)
RCT1, RCT2, INRC
-0.3 to +40(1)
SR, SNS, TGx, OUTx
-VCCA to +40(1)
CSN, SI, CLK, PW, SY, SO
-0.3 to VCCI+0.3
C1B, C2B, C3, C2A, C1A, BG, CL2, CL1, FV,
FVOUT, PG1, PG2, HG
-0.3 to VCCA+0.3
CP
-6.5 to +0.3
FLCP1
-0.3 to VCCCP+0.3
FLCP2
CP-0.3 to +0.3
TST1, TST2
-0.3 to 40(1)
|TGx – OUTx|
+16
Iin
Input current:
VESD
-20
mA
SR, RCT1, RCT2, SNS
10
μA
INRC
50
μA
HD
150
μA
OUT1, OUT2, TG1, TG2
(leakage for maximum short to battery voltage)
500
μA
SR, RCT1, RCT2, SNS, INRC, HD, OUT1, OUT2,
TG1, TG2
(when the voltage is driven below the normal
operating range)
-500
μA
CSN, SI, CLK, PW, SY
±500
μA
Tstg
Storage temperature range
-65 to +150
°C
Tj
Maximum junction temperature
+150
°C
1. Voltage at the pin cannot exceed VESD+0.3 V.
Table 4. Absolute maximum ratings (continued)
Symbol
Parameter
Value
Unit
Table 5. Operating temperature range
Symbol
Parameter
Value
Unit
Tamb
Operating temperature range
-40 to 125
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com