Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 14 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 10Page - STMicroelectronics L9780 Datasheet HTML 11Page - STMicroelectronics L9780 Datasheet HTML 12Page - STMicroelectronics L9780 Datasheet HTML 13Page - STMicroelectronics L9780 Datasheet HTML 14Page - STMicroelectronics L9780 Datasheet HTML 15Page - STMicroelectronics L9780 Datasheet HTML 16Page - STMicroelectronics L9780 Datasheet HTML 17Page - STMicroelectronics L9780 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 56 page
background image
Main functionalities
L9780
14/56
DocID026356 Rev 3
4.6
Pin RCT1 – RCT2 functionalities: RCT2 amplifier, RCT1
switch, RCT1 band-gap switch
RCT2 pin is the input of an amplifier with typical gain 4.2 (electrical characteristics of RCT2
amplifier are specified in Table 10). The output of this amplifier is evaluated during the
impedance test and converted in order to communicate its value via SPI to the μP: the value
of RCT2 amplifier output, measured in 2 different conditions (with RCT1 switch open and
closed), can in fact give a feedback about the impedance of the reference cell, and
consequently about the temperature of the sensor.
RCT1 pin is connected through a switch (RCT1 switch) to ground and through another
switch (RCT1 band-gap switch) to the band-gap voltage; both these functions are used
during the reference cell impedance test, in particular the second one is used to restore the
correct charge of the reference cell after the impedance test (charge balance mechanism).
RCT1 switches resistance range and RCT1 voltage during charge balance are specified in
Table 10. For the time diagram of the sequence and the related description see
Section 4.12. Values of external components connected to pins RCT1 and RCT2 are
specified in Table 19.
4.7
Pin C1A, C2A, C1B, C2B, C3 functionalities: compensation
network connection
These pins are used to connect externally the compensation network to the device; via SPI
(using COMPSEL bit) it is possible to select the desired channel (A or B) and connect the
external network to the pins C1(A or B), C2(A or B) and C3. The pins of the non selected
channel are in high impedance state. C1 is internally connected to the output of INRC
amplifier through the INRC switch (driven by the logic during the impedance test, for details
see Section 4.12), while C2 and C3 are internally connected to the inverting input and the
output of an integrator amplifier (C3 is also the VCCS control voltage pin). The non inverting
input of the amplifier is connected to REF voltage (typ 1.89 V). The integrator amplifier and
the VCCS create a loop (with the external compensation network) of a PI controller. When
the loop reaches a stable condition (
 = 1), on INRC pin there are 450 mV (if 4.2 gain for
INRC amplifier is selected), while the inputs of integrator amplifier are both to 1.89 V
(450 mV * 4.2). In this condition there is no output current from the VCCS cell (2.5 V on C3
pin).
The values of the external components that must be used in compensation network depend
on the sensor that will be driven by the device.
Two examples of possible compensation networks (with defined external components
values) are shown below.
Figure 3. Typical sensor D compensation network



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com