Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 35Page - STMicroelectronics L9780 Datasheet HTML 36Page - STMicroelectronics L9780 Datasheet HTML 37Page - STMicroelectronics L9780 Datasheet HTML 38Page - STMicroelectronics L9780 Datasheet HTML 39Page - STMicroelectronics L9780 Datasheet HTML 40Page - STMicroelectronics L9780 Datasheet HTML 41Page - STMicroelectronics L9780 Datasheet HTML 42Page - STMicroelectronics L9780 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 56 page
background image
DocID026356 Rev 3
39/56
L9780
Digital interface description
55
6.4
SO
SO pin is in tri state condition when CSN is negated. When CSN is asserted the MSB is the
first bit and LSB is the last bit of the word transmitted on SO.
SPI output register can be configured to report the configuration status of the device (with
conversion and fault detection results) or can be configured to report an echo of the
previous SPI input sequence. The first solution can be selected setting REG bit to ‘0’; the
second solution can be selected setting REG bit to ‘1’. The output word consists of 64 bit.
Here following the description of the SPI output register in both configurations.
6.4.1
SPI output register (status configuration)
Bit 63:
Bit not used.
Bit 62 - 60: VER[2..0]
Silicon version bits. These bits are updated after every silicon revision as follows:
Bit 59: REG
This bit represents the SO content, as follows:
REG=’0’ => SO status register;
REG=’1’ => SO input register.
Bit 58:
Bit not used.
62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
Table 7. Silicon version bits
VER2
VER1
VER0
Description
0
0
1
First silicon
0
1
0
Second silicon
0
1
1
Third silicon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com