Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 29 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 25Page - STMicroelectronics L9780 Datasheet HTML 26Page - STMicroelectronics L9780 Datasheet HTML 27Page - STMicroelectronics L9780 Datasheet HTML 28Page - STMicroelectronics L9780 Datasheet HTML 29Page - STMicroelectronics L9780 Datasheet HTML 30Page - STMicroelectronics L9780 Datasheet HTML 31Page - STMicroelectronics L9780 Datasheet HTML 32Page - STMicroelectronics L9780 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 56 page
background image
DocID026356 Rev 3
29/56
L9780
Diagnostic
55
5.4.3
Heater open circuit
The device is able to distinguish between heater FET short to ground and open circuit
conditions. Once the heater open circuit test is invoked, the following actions are taken:
1.
Turn off HD sink current generator;
2.
Turn on HD source current generator;
3.
If HD voltage value > open circuit threshold (specified in Table 13) a possible heater
open circuit is detected and immediately validated.
Actions
Once the heater open circuit fault is validated the following actions are taken:
1.
Set the OCH bit in SPI output register;
2.
Clear the STGH bit in SPI output register.
These actions remain valid until cleared by the user.
5.5
SPI diagnostic
Once a fault condition is reported in the SPI output register but the fault condition is
removed from the device, the user is able to clear the register and restore the normal
operative condition. This is possible using the CLEARFLT bit in the SPI input register. The
effect of this bit is to clear all the latched fault conditions and re enable every previously
disabled output; on HD pin sink and source currents are restored to their default condition.
The bit is then internally cleared when the clear operation is completed.
5.5.1
SPI data fault
The device continuously monitors the data input on SPI register. Bits 14 and 15 (CB0, CB1)
are the data confirmation bits and if one of their values is different from the expected
(CB0=0, CB1=1) an SPI data fault is detected and immediately validated.
Actions
Once an SPI data fault is validated the following actions are taken:
1.
Ignore the corrupted message;
2.
Assert SPIF1 and de assert SPIF2 bits in the output register; these bits are latched until
cleared by CLEARFLT;
3.
Set REG bit to ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com