Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 48 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 44Page - STMicroelectronics L9780 Datasheet HTML 45Page - STMicroelectronics L9780 Datasheet HTML 46Page - STMicroelectronics L9780 Datasheet HTML 47Page - STMicroelectronics L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 56 page
background image
Electrical characteristics
L9780
48/56
DocID026356 Rev 3
Table 13. Diagnostic
Parameter
Conditions
Min.
Max.
Unit
Heater diagnostic
HD diagnostic current
Source current, HD = 3 V
160
220
μA
HD diagnostic current
Sink current, HD = 3 V
68
92
μA
HG pin voltage threshold for on
state of Heater FET
If HG voltage > specified value, Heater
FET is considered on
3.88
4.12
V
Heater short to ground threshold
(HSG)
-
0.715
0.76
VCCA
Heater short to battery threshold
Bit STBHTH = 0
225
275
mV
Bit STBHTH = 1
400
450
mV
Heater open circuit threshold
-
HSG-0.45
HSG-0.01
V
INRC, SR, SNS diagnostic
INRC short to ground threshold
-
175
225
mV
SNS short to ground threshold
SNS_PTH: positive threshold
175
225
mV
SNS_NTH: negative threshold
-250
-150
mV
Sensor short to battery threshold
STBS1: SR pin
175
225
mV
STBS2: INRC pin
0.62
0.66
VCCA
STBS3: SNS pin
2.6
2.8
V
Table 14. Leakage currents
Parameter
Conditions
Min.
Max.
Unit
Short to battery compatible pins
HD leakage current
HD voltage = 53 V
0
150
μA
SR + INRC sum of leakage
currents
Applied voltage on pins under test = 0 V,
19 V, T = 150 °
-
3
INRC + SR + SNS + TG1 + TG2
+ OUT1 + OUT2 sum of leakage
currents
Applied voltage on pins under test = 0 V,
19 V, 40 V, T = 150 °C
-
20
RCT1 + RCT2 sum of leakage
currents
Applied voltage on pins under test = 0 V,
19 V, T = 150 °C
-3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com