Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 53 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 48Page - STMicroelectronics L9780 Datasheet HTML 49Page - STMicroelectronics L9780 Datasheet HTML 50Page - STMicroelectronics L9780 Datasheet HTML 51Page - STMicroelectronics L9780 Datasheet HTML 52Page - STMicroelectronics L9780 Datasheet HTML 53Page - STMicroelectronics L9780 Datasheet HTML 54Page - STMicroelectronics L9780 Datasheet HTML 55Page - STMicroelectronics L9780 Datasheet HTML 56Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
DocID026356 Rev 3
53/56
L9780
Application circuit
55
Figure 13. Sensor circuit
Sensors value:
Sensor D: Rout = 301 Ω typ, Rtg = 0 Ω, TAG resistor
 596 Ω;
Sensor B: Rout = 61.9 Ω typ, Rtg = 0 Ω, TAG resistor
 113 Ω;
Sensor N: Rout = 137 Ω typ, Rtg = 221 Ω typ, TAG resistor
 408 Ω.
RRCT22
-
11
-
kΩ
CGND
-
1
-
nF
RSR
-
10
-
kΩ
RHD
-
2
7.5
kΩ
CFL(2)
-
470
-
nF
CCP(2)
-1
-
μF
CFVOUT
0.1
10
100
nF
RFVOUT
5
7.5
-
kΩ
CFV
-
4.7
-
μF
1. Not defined external components have values depending on the kind of sensor that has to be managed (as
for compensation network components or VCCS external resistors) or depending on the value defined by
the user (like for CL voltage dividers). TST pins have to be left open.
2. It is recommended to use ceramic capacitances and place them as close as possible to the part.
Table 19. External components value (continued)
Parameter(1)
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com