Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 28Page - STMicroelectronics L9780 Datasheet HTML 29Page - STMicroelectronics L9780 Datasheet HTML 30Page - STMicroelectronics L9780 Datasheet HTML 31Page - STMicroelectronics L9780 Datasheet HTML 32Page - STMicroelectronics L9780 Datasheet HTML 33Page - STMicroelectronics L9780 Datasheet HTML 34Page - STMicroelectronics L9780 Datasheet HTML 35Page - STMicroelectronics L9780 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 56 page
background image
Digital interface description
L9780
32/56
DocID026356 Rev 3
6.1
CSN
CSN pin is used to select the device for serial transfer. If CSN is asserted, SO pin exits its tri
state condition and all status information is latched into SPI shift register; register data are
shifted into SI pin and out from SO pin on each subsequent CLK. If CSN is negated, SO pin
is in tri state condition and the fault register is reloaded (latched) with current filtered status
bits. CSN is immune to spurious pulses of 50 ns or shorter (SO pin can exit tri state
condition but no fault clear is applied and no status bit changes). An internal 30 μA pull-up
current is present on CSN pin in order to force the negated condition if a pin open circuit is
present.
6.2
CLK
CLK pin provides to the device the clock signal necessary for serial data transfer. When
CSN is asserted the device latches input data and shall shift output data on CLK rising
edge.
6.3
SI
SI pin is able to receive data from the master microprocessor while CSN is asserted. The
MSB is the first bit and LSB is the last bit of the word received on SI. The input word consists
of 64 bit; follows the description of the SPI input register.
6.3.1
SPI input register
Bit 63 – 60:
These bits are not used and their status is ignored.
Bit 59: REG
The meaning of this bit is to select a specific content for SO register. If REG=‘0’, SO
contains the status register, if REG=‘1’ SO contains the input register. The device sends the
requested information in the next SPI frame.
Default state for this bit after power on reset: 0.
62 61 60 59 58 57 56 55 54 53 52 51 50 49 48 47 46 45 44 43 42 41 40 39 38 37 36 35 34 33 32
31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com