Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 17 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 13Page - STMicroelectronics L9780 Datasheet HTML 14Page - STMicroelectronics L9780 Datasheet HTML 15Page - STMicroelectronics L9780 Datasheet HTML 16Page - STMicroelectronics L9780 Datasheet HTML 17Page - STMicroelectronics L9780 Datasheet HTML 18Page - STMicroelectronics L9780 Datasheet HTML 19Page - STMicroelectronics L9780 Datasheet HTML 20Page - STMicroelectronics L9780 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 56 page
background image
DocID026356 Rev 3
17/56
L9780
Main functionalities
55
depend on the VCCS output current multiplied by a resistance value (the resistance of the
pump cell in SNS voltage case and the Rtot resistance in the voltage drop case); from the
same figure it is evident that the maximum SNS voltage dynamic range compatible with
L9780 VCCS architecture is -2 V < SNS < 2.4 V and the maximum drop allowed on Rtot (or
Rout if TG switch is off) is 1.8 V.
Figure 7. VCCS characteristic
At the startup of the device, VCCS structure is disabled by default, that means that all its
pins are in high impedance condition and the “parking functionality” is active; in other words,
the parking amplifier is switched on and a voltage similar to REF2 is present on C3 pin (see
block diagram in Figure 2). Besides, a pull-down resistor is internally connected by default
from OUT1 pin to GNDA; this is done to avoid that a leakage current can increase the
voltage value of VCCS pins until the short to battery condition. When VCCS is enabled or a
sensor short to battery condition is detected, the pull-down resistor is automatically
disconnected from OUT1 pin; when VCCS is disabled and no fault conditions are present,
VCCS pull-down resistor can be re enabled via SPI (using bit VCCSPD).
If no sensor short to battery condition is present, VCCS structure can be enabled and the
output channel selected with an SPI frame (using bits VCCSEN and VCCSOUT); in this
case the “parking functionality” is disabled. When VCCS is enabled, it is also possible to
activate/deactivate clamp functionality via SPI (using bit CLAMPEN), in order to protect the
sensor; when the clamp functionality is activated, a voltage control is enabled on SNS pin
and, if its value is going to exceed the voltage range defined by the user, the clamp circuit
intervenes in order to modify the VCCS output current and make SNS pin reenter the clamp
limits. The clamp limit range can be symmetric or asymmetric; the desired kind of range can
be defined via SPI (bit CLAMPSIM). In case of symmetric range, if VCL is the clamp voltage
defined by the user, the consequent range allowed for SNS voltage is:
-VCL < SNS < +VCL, with 0.75V<VCL<2V
In case of asymmetric range, if VCL is the clamp voltage defined by the user, the
consequent range for SNS voltage is:
-0.8333*VCL < SNS < +VCL, with 0.75 V < VCL < 2.4 V
If the clamp circuit is activated and intervenes while VCCS is working, it is visible also via
SPI because CLAMP bit in SO register is kept = 1 until the clamp circuit is acting during
VCCS activation. The clamp voltage VCL is defined by the user and is equal to the voltage
applied on CL1 or CL2 pin; the input channel chosen to read the clamp voltage can be
selected via SPI (bit CLAMPCL); the non selected pin can be left open.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com