Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9780 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L9780
Description  Wide range air fuel sensor control interface
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9780 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L9780 Datasheet HTML 23Page - STMicroelectronics L9780 Datasheet HTML 24Page - STMicroelectronics L9780 Datasheet HTML 25Page - STMicroelectronics L9780 Datasheet HTML 26Page - STMicroelectronics L9780 Datasheet HTML 27Page - STMicroelectronics L9780 Datasheet HTML 28Page - STMicroelectronics L9780 Datasheet HTML 29Page - STMicroelectronics L9780 Datasheet HTML 30Page - STMicroelectronics L9780 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 56 page
background image
DocID026356 Rev 3
27/56
L9780
Diagnostic
55
If INRC pin is below the corresponding voltage threshold reported in Table 13, a possible
short to ground condition is detected. Possible short to ground condition is confirmed by the
logic (and reported in the SPI output register) only if the duration of the fault is greater than
a filter time, defined as a multiple of the clock period; in other words, when the possible
sensor short to ground condition is detected, a logic counter starts and when the count
reaches the value defined inTable 17, the fault condition is considered validated. This
counter is reset when the possible short to ground fault is cleared and after every power on
reset.
Actions
Once the INRC short to ground fault is validated (the duration of possible fault is greater
than the filter time) the following action is taken:
1.
Set the STGRC bit in the SPI output register.
This action remains valid until cleared by the user.
5.3
SNS pin short to ground
The device is able to detect and take actions when a short to ground condition happens on
SNS pin.
If SNS pin is in the range SNS_NTH < SNS < SNS_PTH (SNS_NTH, SNS_PTH thresholds
values reported in Table 13), a possible short to ground condition is detected. Possible short
to ground condition is confirmed by the logic (and reported in the SPI output register) only if
the duration of the fault is greater than a filter time, defined as a multiple of the clock period;
in other words, when the possible sensor short to ground condition is detected a logic
counter starts and when the count reaches the value defined in Table 17, the fault condition
is considered validated. This counter is reset when the possible short to ground fault is
cleared and after every power on reset.
Actions
Once the SNS short to ground fault is validated (the duration of possible fault is greater than
the filter time) the following action is taken:
1.
Set the STGSNS bit in the SPI output register.
This action remains valid until cleared by the user.
Application note
When the regulation loop is approaching the condition
 =1, that in terms of electrical
parameters means to have 450 mV as output of the reference cell (applied on INRC pin), the
output current of the VCCS is very small so the voltage of SNS is near to GND. This does not
flag a fault condition but the STGSNS bit in the SPI output register is expected to be set.
5.4
Heater diagnostic
The device is able to detect and take actions when a fault condition happens on external
heater FET, connected to the device through HG and HD pins. Detected fault conditions are:
heater short to battery, heater short to ground, heater open circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com