Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7LUS5 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST7LUS5
Description  8-bit low cost, low pin-count MCU for automotive,with single voltage Flash memory, ADC, timers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7LUS5 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST7LUS5 Datasheet HTML 116Page - STMicroelectronics ST7LUS5 Datasheet HTML 117Page - STMicroelectronics ST7LUS5 Datasheet HTML 118Page - STMicroelectronics ST7LUS5 Datasheet HTML 119Page - STMicroelectronics ST7LUS5 Datasheet HTML 120Page - STMicroelectronics ST7LUS5 Datasheet HTML 121Page - STMicroelectronics ST7LUS5 Datasheet HTML 122Page - STMicroelectronics ST7LUS5 Datasheet HTML 123Page - STMicroelectronics ST7LUS5 Datasheet HTML 124Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 121 / 124 page
background image
ST7LUS5, ST7LU05, ST7LU09
Known limitations
121/124
15
Known limitations
15.1
Limitations in user mode (ST7LUS5 devices only)
15.1.1
Flash memory access when exiting from Halt mode
Description
When exiting from Halt mode, the CPU starts to run after 64 cycles.
However, to work properly and to be accessed safely, the Flash memory needs a delay of
42µs. This problem occurs only with a CPU frequency from 2 MHz to 8 MHz (that is, with a
wake-up time from Halt mode respectively from 32µs to 8µs).
This limitation is NOT present in the following cases:
●
at power-on (as an additional delay of 34µs is always applied)
●
for internal reset as Flash memory cells are not stopped.
Workaround
The CPU frequency must be set by software at 1 MHz before entering Halt mode.
When the CPU exits from Halt mode by an external reset, the reset pulse of at least 42µs
must be applied.
15.2
Limitations in ICC mode (ST7LUS5 devices only)
These limitations can concern ICP (programming) and/or ICD (debugging) and a
workaround (when available) should be implemented in any programming or debugging tool,
as described in the following sections.
15.2.1
Spurious LVD reset after programming the option bytes
Description
When programming the LVD option from OFF to ON in ICC mode with option bytes enabled
(38-pulse mode), a spurious reset is generated and ICC communication is lost.
Workaround
At the user level, using the ICC mode with option bytes disabled (35-pulse mode), no
spurious reset is generated.
At the programming tool designer level, a spurious LVD reset can be avoided by generating
a reset after programming the option bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com