Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 44 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 44 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 40Page - STMicroelectronics SPC574S64 Datasheet HTML 41Page - STMicroelectronics SPC574S64 Datasheet HTML 42Page - STMicroelectronics SPC574S64 Datasheet HTML 43Page - STMicroelectronics SPC574S64 Datasheet HTML 44Page - STMicroelectronics SPC574S64 Datasheet HTML 45Page - STMicroelectronics SPC574S64 Datasheet HTML 46Page - STMicroelectronics SPC574S64 Datasheet HTML 47Page - STMicroelectronics SPC574S64 Datasheet HTML 48Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 77 page
background image
Electrical characteristics
SPC574Sx
44/77
DS10601 Rev 6
3.13
Platform Flash controller configuration
3.14
Flash memory electrical characteristics
Table 28 shows the program and erase characteristics.
TMS
Weak pull-up
Weak pull-up
Weak pull-up
—
TDI
Weak pull-up
Weak pull-up
Weak pull-up
—
TDO
High impedance
High impedance
High impedance
—
1. Refer to pinout information for terminal type
2. POWER-UP state is guaranteed from VDD_HV_IO >VDD_POR and maintained until supply crosses the power-on reset
thresholds VPORUP_LV for LV supply and VPORUP_HV for high voltage supply.
3. Before software configuration
4. Pull-down and pull-up strengths are provided in Table 13: I/O pull-up/pull-down DC electrical characteristics
5. Unlike ESR0, ESR1 is provided as a normal GPIO and implements weak pull-up during power-up.
6. An internal pull-down is implemented on the TESTMODE pin to prevent the device from entering test mode if the package
TESTMODE pin is not connected. It is recommended to connect the TESTMODE pin to VSS_HV_IO on the board for
maximum robustness, but not required. The value of TESTMODE is latched at the negation of reset and has no affect
afterward. The device will not exit functional reset with the TESTMODE pin asserted during power-up. The TESTMODE pin
can be connected externally directly to ground without any other components.
Table 26. Functional terminals state during power-up and reset (continued)
TERMINAL
type(1)
POWER-UP(2)
pad state
RESET
pad state
DEFAULT
pad state(3)
Comments
Table 27. Wait states versus system clock frequency(1)
1. RWSC is a field in the Flash memory of the PFCR register used to specify the wait states for address
pipelining and read/write accesses.
Read Wait State Control (RWSC)
System clock frequency (MHz)(2)
2. Values to be confirmed by silicon validation.
0b00000
0 - 30 MHz
0b00001
30 - 60 MHz
0b00010
60 - 90 MHz
0b00011
90 - 121 MHz
0b00100
121 - 140 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com