Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 53 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 53 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 49Page - STMicroelectronics SPC574S64 Datasheet HTML 50Page - STMicroelectronics SPC574S64 Datasheet HTML 51Page - STMicroelectronics SPC574S64 Datasheet HTML 52Page - STMicroelectronics SPC574S64 Datasheet HTML 53Page - STMicroelectronics SPC574S64 Datasheet HTML 54Page - STMicroelectronics SPC574S64 Datasheet HTML 55Page - STMicroelectronics SPC574S64 Datasheet HTML 56Page - STMicroelectronics SPC574S64 Datasheet HTML 57Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 77 page
background image
DS10601 Rev 6
53/77
SPC574Sx
Electrical characteristics
76
3.18.2
ADC electrical characteristics
Table 35. ADC input leakage current
Symbol
Parameter
Conditions
Value
Unit
Min
Max
ILKG CC
Input leakage current, two ADC channels input
with weak pull-up and weak pull-down
TJ <40 °C
No current injection
on adjacent pin
—70
nA
TJ < 150 °C
—
220



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com