Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 8 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 4Page - STMicroelectronics SPC574S64 Datasheet HTML 5Page - STMicroelectronics SPC574S64 Datasheet HTML 6Page - STMicroelectronics SPC574S64 Datasheet HTML 7Page - STMicroelectronics SPC574S64 Datasheet HTML 8Page - STMicroelectronics SPC574S64 Datasheet HTML 9Page - STMicroelectronics SPC574S64 Datasheet HTML 10Page - STMicroelectronics SPC574S64 Datasheet HTML 11Page - STMicroelectronics SPC574S64 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 77 page
background image
Introduction
SPC574Sx
8/77
DS10601 Rev 6
•
System timers:
–
1 x STM (AUTOSAR®) (4 compare channels)
1 x PIT (8 channels)
4 x eTimers (6 channels each)
–
System watchdog timer (SWT)
32-bit timer
Oscillator clock for timer operation
Programmable selection of reset or interrupt on an initial time-out
Enabled out of reset
•
Safety and integrity features:
–
Clock Monitor Unit (CMU) for safe oscillator/PLL control using internal RC
oscillator reference
–
Watchdog with time window for reload
–
Memory Protection Unit (MPU): 8 regions with 32-bit granularity
–
Register protected accesses to critical peripherals
•
Interrupt controller (INTC) with dedicated interrupt source channels, including software
interrupts and 32 priority levels
•
12-bit analog-to-digital converter (ADC) with a conversion time of 1.5 µs at maximum
operating frequency
–
16 high-precision channels for each group of 4 ADCs
•
4 general purpose eTimer units, with 6 channels each
•
4 FlexPWM units (2 units with 4 channels each and 2 units with 2 channels each)
•
Up to 4 Local Interconnect Network (LIN) controller modules capable of autonomous
message handling (master), autonomous header handling (slave mode), and UART
support. Compliant with LIN protocol rev. 2.1
•
4 DSPI (Deserial Serial Peripheral Interface) modules for full-duplex, synchronous,
communications with external devices
•
2 MCAN (with CAN-FD support)
•
Frequency-modulated phase-locked loop (FMPLL)
•
Configurable general purpose pins supporting input and output operations: 62 GPIO +
17 GPI/ADC input only (eTQFP100 - default bonding option) and 64 GPIO + 15
GPI/ADC input only (eTQFP100 - bonding option upon demand)
•
Nexus development interface (NDI) per IEEE-ISTO 5001-2003 Class 3
•
Device/board boundary scan testing supported with per Joint Test Action Group (JTAG)
of IEEE (IEEE 1149.1)
•
SPC574Sx family members are offered in the 100-pin eTQFP, 0.5 mm pitch,
14 mm
× 14 mm outline package type.
Note:
One of four sources can be used as the system clock for this device:
•
External crystal oscillator 4–40 MHz (XOSC)
•
Internal RC oscillator 16 MHz (IRCOSC)
•
Primary PLL
•
Secondary PLL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com