Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 69 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 65Page - STMicroelectronics SPC574S64 Datasheet HTML 66Page - STMicroelectronics SPC574S64 Datasheet HTML 67Page - STMicroelectronics SPC574S64 Datasheet HTML 68Page - STMicroelectronics SPC574S64 Datasheet HTML 69Page - STMicroelectronics SPC574S64 Datasheet HTML 70Page - STMicroelectronics SPC574S64 Datasheet HTML 71Page - STMicroelectronics SPC574S64 Datasheet HTML 72Page - STMicroelectronics SPC574S64 Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 77 page
background image
DS10601 Rev 6
69/77
SPC574Sx
Package information
76
Table 42. eTQFP100 mechanical data
Ref.
Dimensions
Millimeters
Inches(1)
Min
Typ
Max
Min
Typ
Max
θ
0ο
3.5ο
7ο
0ο
3.5ο
7ο
θ10ο
——0ο
——
θ210ο
12ο
14ο
10ο
12ο
14ο
θ310ο
12ο
14ο
10ο
12ο
14ο
A(2)
—
—
1.20
—
—
0.0472
A1(3)
0.05
—
0.15
0.0020
—
0.0059
A2(2)
0.95
1.00
1.05
0.0374
0.0394
0.0413
b(4),(5)
0.17
0.22
0.27
0.0067
0.0087
0.0106
b1(5)
0.17
0.20
0.23
0.0067
0.0078
0.0091
c(5)
0.09
—
0.20
0.0035
—
0.0079
c1(5)
0.09
—
0.16
0.0035
—
0.0063
D(6)
16.00
0.6299
D1(7),(8)
14.00
0.5512
D2(9)
—
—
6.57
—
—
0.259
D3(10)
4.9
—
—
0.193
—
—
e
0.50
0.0197
E(6)
16.00
0.6299
E1(7),(8)
14.00
0.5512
E2(9)
—
—
6.57
—
—
0.259
E3(10)
4.9
—
—
0.193
—
—
L
0.45
0.60
0.75
0.0177
0.0236
0.0295
L1
1.00
0.0394
N(11)
100
3.937
R1
0.08
—
—
0.0031
—
—
R2
0.08
—
—
0.0031
—
—
S
0.20
—
—
0.0079
—
—
aaa(12),(13),(14)
0.20
0.0079
bbb
0.20
0.0079
ccc
0.08
0.0031
ddd
0.08
0.0031
1. Values in inches are converted from mm and rounded to 4 decimal digits.
2. The optional exposed pad is generally coincident with the top or bottom side of the package and not allowed to protrude
beyond that surface.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com