Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 15 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 11Page - STMicroelectronics SPC574S64 Datasheet HTML 12Page - STMicroelectronics SPC574S64 Datasheet HTML 13Page - STMicroelectronics SPC574S64 Datasheet HTML 14Page - STMicroelectronics SPC574S64 Datasheet HTML 15Page - STMicroelectronics SPC574S64 Datasheet HTML 16Page - STMicroelectronics SPC574S64 Datasheet HTML 17Page - STMicroelectronics SPC574S64 Datasheet HTML 18Page - STMicroelectronics SPC574S64 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 77 page
background image
DS10601 Rev 6
15/77
SPC574Sx
Package pinouts and signal descriptions
76
PAD[34]
PC[2]
—
PAD[35]
PC[3]
—
PAD[36]
PC[4]
42
PAD[37]
PC[5]
43
PAD[38]
PC[6]
44
PAD[39]
PC[7]
45
PAD[40]
PC[8]
46
PAD[41]
PC[9]
47
PAD[42]
PC[10]
48
PAD[43]
PC[11]
49
PAD_FCCU_F1S
FCCU_F1S
50
PAD[44]
PC[12]
56
PAD_FCCU_F1E
FCCU_F1E
—
PAD[45]
PC[13]
57
PAD[46]
PC[14]
58
PAD_TDI
TDI
59
PAD_TMS
TMS
60
PAD_TDO
TDO
61
PAD[47]
PC[15]
62
PAD_TCK
TCK
63
PAD_JCOMP
JCOMP
—
PAD[48]
PD[0]
65
PAD[49]
PD[1]
67
PAD[50]
PD[2]
69
PAD[51]
PD[3]
70
PAD[52]
PD[4]
71
PAD[53]
PD[5]
72
PAD[54]
PD[6]
73
PAD[55]
PD[7]
74
PAD[56]
PD[8]
75
PAD[57]
PD[9]
76
PAD[58]
PD[10]
77
PAD[59]
PD[11]
78
PAD[60]
PD[12]
79
PAD[61]
PD[13]
80
Table 4. Cross-mapping between pads and package pins (continued)
PAD
Port pin name
eTQFP 100 pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com