Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 71 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 71 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 67Page - STMicroelectronics SPC574S64 Datasheet HTML 68Page - STMicroelectronics SPC574S64 Datasheet HTML 69Page - STMicroelectronics SPC574S64 Datasheet HTML 70Page - STMicroelectronics SPC574S64 Datasheet HTML 71Page - STMicroelectronics SPC574S64 Datasheet HTML 72Page - STMicroelectronics SPC574S64 Datasheet HTML 73Page - STMicroelectronics SPC574S64 Datasheet HTML 74Page - STMicroelectronics SPC574S64 Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 77 page
background image
DS10601 Rev 6
71/77
SPC574Sx
Ordering information
76
5
Ordering information
Figure 27. Ordering information scheme
Memory
Packing
Core Family
Temperature
Package
Custom vers.
SPC57
64
Y
4S
C
E3
XXX
Example code:
Product identifier
Y= Tray
R = Tape and Reel
X = Tape and Reel 90°
XXX = Custom version*
B = -40 to 105 °C
C = -40 to 125 °C
E3 = eTQFP100 exposed pad*
64 = 1.5 MB
60 = 1 MB*
S = SPC57S family
4 = Single core e2004zd
functional core
SPC57 = Power architecture
in 55 nm
*: Only a limited number of configurations and packages are supported. Some configuration may not be available. Please refer to your
sales representatives for more information”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com