Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 30 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 26Page - STMicroelectronics SPC574S64 Datasheet HTML 27Page - STMicroelectronics SPC574S64 Datasheet HTML 28Page - STMicroelectronics SPC574S64 Datasheet HTML 29Page - STMicroelectronics SPC574S64 Datasheet HTML 30Page - STMicroelectronics SPC574S64 Datasheet HTML 31Page - STMicroelectronics SPC574S64 Datasheet HTML 32Page - STMicroelectronics SPC574S64 Datasheet HTML 33Page - STMicroelectronics SPC574S64 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 77 page
background image
Electrical characteristics
SPC574Sx
30/77
DS10601 Rev 6
Table 14. Slow configuration I/O output DC characteristics(1)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
ROH_S
PMOS output
impedance slow
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <0.5 mA
560
800
1040
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOH <0.5 mA
560
800
1040
ROL_S
NMOS output
impedance slow
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL <0.5 mA
560
800
1040
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOL <0.5 mA
560
800
1040
fmax_S
Output frequency slow
configuration
CL =25pF
—
—
2
MHz
CL =50pF
—
—
1
tTR_S
Transition time output
pin slow configuration
CL =25pF
—
—
120
ns
CL =50pF
—
—
240
tSKEW_S
Difference between rise
time and fall time
——
—
28
%
1. The above mentioned values are different for pads PAD[4], PAD[9], PAD[11], PAD[16], PAD[47], PAD[55], PAD[56],
PAD[62] and PAD_FCCU_F1E. Please refer to Table 18 for these pads’ values.
Table 15. Medium configuration I/O output DC characteristics(1)
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
ROH_M
PMOS output impedance
medium configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <2mA
140
200
260
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOH <2mA
140
200
260
ROL_M
NMOS output
impedance medium
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL <2mA
140
200
260
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOL <2mA
140
200
260
fmax_M
Output frequency
medium configuration
CL =25pF
—
—
12
MHz
CL =50pF
—
—
6
tTR_M
Transition time output pin
medium configuration
CL =25pF
—
—
35
ns
CL =50pF
—
—
70
tSKEW_M
Difference between rise
time and fall time
——
—
28
%
1. The above mentioned values are different for pads PAD[4], PAD[9], PAD[11], PAD[16], PAD[47], PAD[55], PAD[56],
PAD[62] and PAD_FCCU_F1E. Please refer to Table 18 for these pads’ values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com