Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 55 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 55 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 51Page - STMicroelectronics SPC574S64 Datasheet HTML 52Page - STMicroelectronics SPC574S64 Datasheet HTML 53Page - STMicroelectronics SPC574S64 Datasheet HTML 54Page - STMicroelectronics SPC574S64 Datasheet HTML 55Page - STMicroelectronics SPC574S64 Datasheet HTML 56Page - STMicroelectronics SPC574S64 Datasheet HTML 57Page - STMicroelectronics SPC574S64 Datasheet HTML 58Page - STMicroelectronics SPC574S64 Datasheet HTML 59Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 77 page
background image
DS10601 Rev 6
55/77
SPC574Sx
Electrical characteristics
76
ΔTUE12
CC
D
TUE degradation
due to VREFH_ADC
offset with respect
to
VDD_HV_ADC_TSENS
VIN <VDD_HV_ADC_TSENS
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [0:25 mV]
—±1
LSB
(12b)
D
VIN <VDD_HV_ADC_TSENS
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [25:50 mV]
—±2.0
D
VIN <VDD_HV_ADC_TSENS
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [50:75 mV]
—±3.5
D
VIN <VDD_HV_ADC_TSENS
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [75:100 mV]
—±6.0
D
VDD_HV_ADC_TSENS <VIN <
VREFH_ADC
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [0:25 mV]
—±2.5
D
VDD_HV_ADC_TSENS <VIN <
VREFH_ADC
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [25:50 mV]
—±4.0
D
VDD_HV_ADC_TSENS <VIN <
VREFH_ADC
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [50:75 mV]
—±7.0
D
VDD_HV_ADC_TSENS <VIN <
VREFH_ADC
VREFH_ADC − VDD_HV_ADC_TSENS
∈ [75:100 mV]
—±12.0
DNL
CC P
Differential non-
linearity
—-1
2
LSB
(12b)
1. VSS_HV_ADR is connected to exposed pad for the device.
2. The consumption values are given after power-up when steady state is reached. Extra consumption of up to 2 mA can be
required during internal circuitry setup.
Table 36. ADC conversion characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com