Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 4 Page - STMicroelectronics

  SPC574S64 Datasheet HTML 1Page - STMicroelectronics SPC574S64 Datasheet HTML 2Page - STMicroelectronics SPC574S64 Datasheet HTML 3Page - STMicroelectronics SPC574S64 Datasheet HTML 4Page - STMicroelectronics SPC574S64 Datasheet HTML 5Page - STMicroelectronics SPC574S64 Datasheet HTML 6Page - STMicroelectronics SPC574S64 Datasheet HTML 7Page - STMicroelectronics SPC574S64 Datasheet HTML 8Page - STMicroelectronics SPC574S64 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 77 page
background image
Introduction
SPC574Sx
4/77
DS10601 Rev 6
1
Introduction
1.1
Document overview
This document describes the features of the family and options available within the family
members, and highlights important electrical and physical characteristics of the device. To
ensure a complete understanding of the device functionality, refer also to the device
reference manual and errata sheet.
1.2
Description
The SPC574Sx is a family of next generation microcontrollers built on the Power
Architecture embedded category.
The SPC574Sx family of 32-bit microcontrollers is the latest achievement in integrated
automotive application controllers. It belongs to an expanding family of automotive-focused
products designed to address the next wave of Chassis and Safety electronics applications
within the vehicle. The advanced and cost-efficient host processor core of this automotive
controller family complies with the Power Architecture embedded category and only
implements the VLE (variable-length encoding) APU, providing improved code density. It
operates at speeds of up to 140 MHz and offers high performance processing optimized for
low power consumption. It capitalizes on the available development infrastructure of current
Power Architecture devices and is supported with software drivers, operating systems and
configuration code to assist with users implementations.
Table 1. SPC574Sx device feature summary (superset configuration)
Feature
Description
Processor
Main Core
e200z420n3
Checker core
e200z419
Local data RAM
32 KB Data
VLE
Yes
Main processor frequency
140 MHz
Instruction cache
8 KB
Data cache
4 KB
Interrupt controller (including interrupt controller checker)
1
Software watchdog timer
1
System timers
1 AUTOSAR® STM
1 PIT with eight 16-bit channels
DMA (including DMA checker)
1
DMA channels
32
SMPU
Yes (8 regions)
System SRAM (in addition to core local data RAM)
96 KB
Code Flash memory
1.5 MB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com