Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 31 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 27Page - STMicroelectronics SPC574S64 Datasheet HTML 28Page - STMicroelectronics SPC574S64 Datasheet HTML 29Page - STMicroelectronics SPC574S64 Datasheet HTML 30Page - STMicroelectronics SPC574S64 Datasheet HTML 31Page - STMicroelectronics SPC574S64 Datasheet HTML 32Page - STMicroelectronics SPC574S64 Datasheet HTML 33Page - STMicroelectronics SPC574S64 Datasheet HTML 34Page - STMicroelectronics SPC574S64 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 77 page
background image
DS10601 Rev 6
31/77
SPC574Sx
Electrical characteristics
76
For PAD[4], PAD[9], PAD[11], PAD[16], PAD[47], PAD[55], PAD[56], PAD[62] and
PAD_FCCU_F1E, the following values hold true.
Table 16. Fast configuration I/O output DC characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
ROH_F
PMOS output
impedance fast
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <6mA
44
—
90
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOH <8mA
35
50
65
ROL_F
NMOS output
impedance fast
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL< 6 mA
44
—
90
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOL <8 mA
35
50
65
fmax_F
Output frequency fast
configuration
CL =25pF
—
—
50
MHz
CL =50pF
—
—
25
tTR_F
Transition time output
pin fast configuration
CL =25pF
—
—
12
ns
CL =50pF
—
—
20
tSKEW_F
Difference between rise
time and fall time
——
—
28
%
Table 17. Very Fast configuration I/O output DC characteristics
Symbol
Parameter
Conditions
Value
Unit
Min
Typ
Max
ROH_V
PMOS output
impedance very fast
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOH <7mA
44
—
85
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOH <9mA
20
—
60
ROL_V
NMOS output
impedance very fast
configuration
3.0 V < VDD_HV_IO <3.6 V
Push pull, IOL <7mA
44
—
85
Ω
4.5 V < VDD_HV_IO <5.5 V
Push pull, IOL <9mA
20
—
60
fmax_V
Output frequency very
fast configuration
CL =25pF
—
—
50
MHz
CL =50pF
—
—
25
tTR_V
Transition time output
pin very fast
configuration
CL =25pF
—
—
9
ns
CL =50pF
—
—
15
tSKEW_V
Difference between rise
time and fall time
——
—
28
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com