Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 11 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 7Page - STMicroelectronics SPC574S64 Datasheet HTML 8Page - STMicroelectronics SPC574S64 Datasheet HTML 9Page - STMicroelectronics SPC574S64 Datasheet HTML 10Page - STMicroelectronics SPC574S64 Datasheet HTML 11Page - STMicroelectronics SPC574S64 Datasheet HTML 12Page - STMicroelectronics SPC574S64 Datasheet HTML 13Page - STMicroelectronics SPC574S64 Datasheet HTML 14Page - STMicroelectronics SPC574S64 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 77 page
background image
DS10601 Rev 6
11/77
SPC574Sx
Introduction
76
eTimer
Has six 16-bit general purpose counters, where each counter can be used as an
input capture or output compare function
FCCU
Collects fault event notifications from the rest of the system and translates them
into internal and/or external system reactions
RCCU
Compares input signals and issues an alarm in the case of a mismatch
MEMU
Collects and reports error events associated with ECC (Error Correction Code)
logic used on SRAM, DMA RAM and Flash memory
XBIC
Verifies the integrity of the attribute information for crossbar transfers and
signals the Fault Collection and Control Unit (FCCU) when an error is detected
STCU2
Handles the BIST procedure
CRC
Controls the computation of CRC, off-loading this work from the CPU
RegProt
Protects several registers against accidental writing, locking their value till the
next reset phase
Temperature sensor
Monitors the device temperature
Debug Control Interface
Provides debug features for the MCU
Nexus Port Controller
Monitors a variety of signals including addresses, data, control signals, status
signals, etc.
Nexus Multimaster Trace Client
Monitors the system bus and provides real-time trace information to debug or
development tools
Periodic interrupt timer (PIT)
Produces periodic interrupts and triggers
System integration unit (SIUL)
Provides control over all the electrical pad controls and up to 32 ports with 16
bits of bidirectional, general-purpose input and output signals and supports up
to 32 external interrupts with trigger event configuration
System status configuration
module (SSCM)
Provides system configuration and status data (such as memory size and
status, device mode and security status), device identification data, debug
status port enable and selection, and bus and peripheral abort enable/disable
System timer module (STM)
Provides a set of output compare events to support AUTOSAR and operating
system tasks
System watchdog timer (SWT)
Provides protection from runaway code
Wakeup unit (WKPU)
The wakeup unit supports up to 18 external sources that can generate interrupts
or wakeup events, of which one can cause non-maskable interrupt requests or
wakeup events.
Crossbar (XBAR) switch
Supports simultaneous connections between two master ports and three slave
ports. The crossbar supports a 32-bit address bus width and a 64-bit data bus
width.
Decorated Storage Memory
Controller (DSMC)
Decorated Storage Memory Controller
CMU
Used to validate the target clock within a specific frequency range and to
measure the clock frequency.
Power Management Controller
(MC_PMC)
Contains registers that enable/disable the various voltage monitors
Table 3. SPC574Sx series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com