Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 23 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 19Page - STMicroelectronics SPC574S64 Datasheet HTML 20Page - STMicroelectronics SPC574S64 Datasheet HTML 21Page - STMicroelectronics SPC574S64 Datasheet HTML 22Page - STMicroelectronics SPC574S64 Datasheet HTML 23Page - STMicroelectronics SPC574S64 Datasheet HTML 24Page - STMicroelectronics SPC574S64 Datasheet HTML 25Page - STMicroelectronics SPC574S64 Datasheet HTML 26Page - STMicroelectronics SPC574S64 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 77 page
background image
DS10601 Rev 6
23/77
SPC574Sx
Electrical characteristics
76
3.7
Thermal characteristics
3.7.1
Package thermal characteristics
3.7.2
Power considerations
An estimation of the chip junction temperature, TJ can be obtained from the equation:
Equation 1: TJ = TA + (RθJA × PD)
where:
TA = ambient temperature for the package (°C)
RθJA = junction-to-ambient thermal resistance (°C/W)
PD = power dissipation in the package (W)
The thermal resistance values used are based on the JEDEC JESD51 series of standards
to provide consistent values for estimations and comparisons. The difference between the
6. Core voltage as measured on device pin to guarantee published silicon performance.
7. When internal LVD/HVDs are disabled, external monitoring is required to guarantee device operation. Failure to monitor
external supply voltage may result in erroneous operation of the device.
8. The IO rail #0 and #1 are independent only in external regulator mode. In internal regulator mode a single unique IO rail is
applicable. In the QFP100 package only the internal regulator mode is supported.
9. Full device lifetime without performance degradation.
10. I/O and analog input specifications are only valid if the injection current on adjacent pins is within these limits. See Table 6:
Absolute maximum ratings for maximum input current for reliability requirements.
11. The I/O pins on the device are clamped to the I/O supply rails for ESD protection. When the voltage of the input pin is
above the supply rail, current will be injected through the clamp diode to the supply rail. For external RC network
calculation, assume typical 0.3 V drop across the active diode. The diode voltage drop varies with temperature. For more
information, see the device characterization report.
Table 9. Thermal characteristics for eTQFP100
Symbol
C
Parameter
Boundary Conditions
Value
Unit
RθJA
D
Junction to ambient, natural convection(1)
Four layer board
2s2p board
28
°C/W
RθJB
Junction to board(2)
Four layer board
2s2p board
11
RθJCtop
Junction to top case(3)
1s board
Top cold plate
13
RθJCbottom
Junction to bottom case(4)
Bottom cold plate
1.1
ΨJT
PSI j-top-case, natural convection(5)
Operating conditions
0.6
1. JESD51-7
2. JESD51-8, ring cold plate
3. Thermal resistance between the die and the case top surface as measured by the cold plate best practice guidelines
(JESD51)
4. Thermal resistance between the die and the case bottom surface as measured by the cold plate best practice guidelines
(JESD51) without any interface resistance
5. Thermal characterization parameter, not properly a thermal resistance, indicating the temperature difference between
package top and the junction in operating conditions as per JESD51-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com