Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 54 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 50Page - STMicroelectronics SPC574S64 Datasheet HTML 51Page - STMicroelectronics SPC574S64 Datasheet HTML 52Page - STMicroelectronics SPC574S64 Datasheet HTML 53Page - STMicroelectronics SPC574S64 Datasheet HTML 54Page - STMicroelectronics SPC574S64 Datasheet HTML 55Page - STMicroelectronics SPC574S64 Datasheet HTML 56Page - STMicroelectronics SPC574S64 Datasheet HTML 57Page - STMicroelectronics SPC574S64 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 77 page
background image
Electrical characteristics
SPC574Sx
54/77
DS10601 Rev 6
Table 36. ADC conversion characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Max
VIN
SR
ADC input signal
0 < VIN <VDD_HV_IO
VSS_HV_ADR(1) VREFH_ADC
V
fADCK
SR P Clock frequency
—
7.5
12
MHz
tADCPRECH SR T
ADC precharge
time
—83
—
ns
VPRECH
SR D Precharge voltage
—
—
0.25
V
ΔVINTREF CC
Internal reference
voltage precision
Applies to all internal reference
points (VSS_HV_ADR,
1/3
× VREFH_ADC,
2/3
× VREFH_ADC, VREFH_ADC)
-0.20
0.20
V
tADCSAMPLE SR P ADC sample time
SAR – 12-bit configuration
0.5
—
µs
tADCEVAL
SR
P
ADC evaluation
time
12-bit configuration (12 clock
cycles)
1.000
—
µs
D
10-bit configuration (10 clock
cycles)
0.833
—
IADCREFH(2) CC C
ADC high
reference current
(average across all
codes)
Run mode
—
15
µA
Power Down mode
—
1
CC P
VDD_HV_ADC_TS
ENS power supply
current
Run mode
—
4.0
mA
Power Down mode
—
0.03
TUE12
CC T Total unadjusted
error in 12-bit
configuration
VREFH_ADC >3 V
-6
6
LSB
(12b)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com