Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 35 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 35 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 31Page - STMicroelectronics SPC574S64 Datasheet HTML 32Page - STMicroelectronics SPC574S64 Datasheet HTML 33Page - STMicroelectronics SPC574S64 Datasheet HTML 34Page - STMicroelectronics SPC574S64 Datasheet HTML 35Page - STMicroelectronics SPC574S64 Datasheet HTML 36Page - STMicroelectronics SPC574S64 Datasheet HTML 37Page - STMicroelectronics SPC574S64 Datasheet HTML 38Page - STMicroelectronics SPC574S64 Datasheet HTML 39Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 77 page
background image
DS10601 Rev 6
35/77
SPC574Sx
Electrical characteristics
76
3.11
Power management
3.11.1
Overview
Figure 6 shows an overview of the power management infrastructure. It consists of:
•
a power control unit (PCU) consists of:
–
the digital submodules PMC_dig
–
the analogue submodules PMC_ana
•
a clock generation module (MC_CGM)
•
a mode entry module (MC_ME)
Note:
For detailed information on these modules please refer to the respective chapters of the
reference manual.
VDD_POR CC C
Minimum supply for
strong pull-down
activation
——
—
1.2
V
IOL_R
CC P Strong pull-down current
Device under power-on reset
3.0V<VDD_HV_IO <5.5 V,
VOL >1.0V
0.2
—
—
mA
Device under power-on reset
VDD_HV_IO =4.0 V,
VOL =VIL
12
—
—
mA
|IWPU|CC P
Weak pull-up current
absolute value
ESR0 pin
VIN =0.69 × VDD_HV_IO
23
—
—
µA
ESR0 pin
VIN =0.49 × VDD_HV_IO
——
82
|IWPD|CC P
Weak pull-down current
absolute value
PORST pin
VIN =0.69 × VDD_HV_IO
—
—
130
µA
PORST pin
VIN =0.49 × VDD_HV_IO
40
—
—
WFRST SR P
PORST input filtered
pulse
—
—
—
500
ns
WNFRST SR P
PORST input not filtered
pulse
—2000
—
—
ns
Table 19. Reset electrical characteristics (continued)
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com