Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 40 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 36Page - STMicroelectronics SPC574S64 Datasheet HTML 37Page - STMicroelectronics SPC574S64 Datasheet HTML 38Page - STMicroelectronics SPC574S64 Datasheet HTML 39Page - STMicroelectronics SPC574S64 Datasheet HTML 40Page - STMicroelectronics SPC574S64 Datasheet HTML 41Page - STMicroelectronics SPC574S64 Datasheet HTML 42Page - STMicroelectronics SPC574S64 Datasheet HTML 43Page - STMicroelectronics SPC574S64 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 77 page
background image
Electrical characteristics
SPC574Sx
40/77
DS10601 Rev 6
3.11.4
Decoupling capacitors
Table 21. eTQFP100 HV/LV supply decoupling capacitances
Ballast
PAD
Pin
Minimum
(Internal
Regulation)
Minimum
(External
Regulation)
Suggested
Configuration
Note
—
VDD_LV_W0
—
—
—
—
—
—
VDD_LV_W1
19
2.2 µF +
100 nF
2.2 µF +
100 nF
2.2 µF + 100 nF
+ 10 nF
LV Buffer capacitance +
EMC protection
—
VDD_LV_S1
—
—
—
—
—
—
VDD_LV_S2
—
—
—
—
—
—
VDD_LV_PLL_ADC
52
—
—
—
—
—
VDD_LV_E0
52
100 nF
100 nF
100 nF + 10 nF
LV Buffer capacitance +
EMC protection
—
VDD_LV_E2
—
—
—
—
—
—
VDD_LV_E1
68
100 nF
100 nF
100 nF
LV Buffer capacitance
—
VDD_LV_N0
—
—
—
—
—
—
VDD_LV_N1
—
—
—
—
—
—
VDD_HV_IO_W0
20
—
—
—
—
Dynamic
Ballast
VDD_HV_IO_W1
20
—
—
—
—
Dynamic
Ballast
VDD_HV_IO_W2
20
2.2 µF
2.2 µF
2.2 µF + 4.7 µF +
10 nF NM(1)
HV Buffer capacitance +
EMC protection
—
VDD_HV_OSC
55
100 nF
100 nF
100 nF
HV Buffer capacitance
Static
Ballast
VDD_HV_IO_E1
51
—
—
—
—
Static
Ballast
VDD_HV_IO_E2
51
—
—
—
—
Static
Ballast
VDD_HV_IO_E3
51
—
—
—
—
Static
Ballast
VDD_HV_IO_N0
85
—
—
—
—
Dynamic
Ballast
VDD_HV_IO_N1
85
100 nF
—
100 nF + 10 nF
NM(1)
HV Buffer capacitance +
EMC protection
Dynamic
Ballast
VDD_HV_IO_N2
95
100 nF
—
100 nF + 10 nF
NM(1)
HV Buffer capacitance +
EMC protection
1. NM = not mounted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com