Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 43 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 43 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 39Page - STMicroelectronics SPC574S64 Datasheet HTML 40Page - STMicroelectronics SPC574S64 Datasheet HTML 41Page - STMicroelectronics SPC574S64 Datasheet HTML 42Page - STMicroelectronics SPC574S64 Datasheet HTML 43Page - STMicroelectronics SPC574S64 Datasheet HTML 44Page - STMicroelectronics SPC574S64 Datasheet HTML 45Page - STMicroelectronics SPC574S64 Datasheet HTML 46Page - STMicroelectronics SPC574S64 Datasheet HTML 47Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 77 page
background image
DS10601 Rev 6
43/77
SPC574Sx
Electrical characteristics
76
3.12.2
Power up/down sequencing
For proper device functioning please adhere to the following power sequence:
VDD_HV_ADC_TSENS supply should always be greater than or equal to VREFH_ADC supply.
During power-up, all functional terminals are maintained in a known state as described in
the following table.
Table 25. Trimmed (PVT) values
Domain monitor
Voltage
Name
Segment
Lower limit
Upper limit
1.2 V
Power On Reset
POR041
Core
0.39 V
0.95 V
Low
MVD098
Core
1.045 V
1.095 V
Flash
1.045 V
1.095 V
LVD108
Core
1.125 V
1.175 V
High
HVD140
Core
1.355 V
1.405 V
UVD145
Core
1.395 V
1.445 V
Flash
1.395 V
1.445 V
3.3 V
Power On Reset
POR200
Core
1.820 V
2.400 V
Low
MVD270
Core
2.694 V
2.826 V
Flash
2.694 V
2.826 V
LVD290
Core
2.881 V
2.999 V
Flash
2.881 V
2.999 V
ADC
2.881 V
2.999 V
High
HVD400
Core
3.660 V
3.840 V
5V
Low
LVD400
ADC
4.128 V
4.332 V
High
UVD600
Core
5.698 V
5.942 V
Table 26. Functional terminals state during power-up and reset
TERMINAL
type(1)
POWER-UP(2)
pad state
RESET
pad state
DEFAULT
pad state(3)
Comments
PORST
Strong pull-
down(4)
Weak pull-down
Weak pull-down
Power-on reset pad
ESR0(5)
Strong pull-down
Strong pull-down
Weak pull-up
Functional reset pad
ESR1
Weak pull-up
Weak pull-up
Weak pull-up
—
TEST_MODE
Weak pull-down
Weak pull-down(6)
Weak pull-down(6)
—
GPIO
High impedance
High impedance
High impedance
—
ANALOG
High impedance
High impedance
High impedance
—
ERROR[0]
High impedance
High impedance
High impedance
During functional reset, pad state
can be overridden by FCCU
TRST
High impedance
Weak pull-down
Weak pull-down
—
TCK
High impedance
Weak pull-down
Weak pull-down
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com