Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 42 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 38Page - STMicroelectronics SPC574S64 Datasheet HTML 39Page - STMicroelectronics SPC574S64 Datasheet HTML 40Page - STMicroelectronics SPC574S64 Datasheet HTML 41Page - STMicroelectronics SPC574S64 Datasheet HTML 42Page - STMicroelectronics SPC574S64 Datasheet HTML 43Page - STMicroelectronics SPC574S64 Datasheet HTML 44Page - STMicroelectronics SPC574S64 Datasheet HTML 45Page - STMicroelectronics SPC574S64 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 77 page
background image
Electrical characteristics
SPC574Sx
42/77
DS10601 Rev 6
3.11.5
Power management electrical characteristics
3.12
PMU monitor specifications
3.12.1
Nomenclature
•
POR stands for Power On Reset. The POR circuit manages the reset from very low
voltage up to its threshold. Cannot be disabled.
•
MVD stands for Minimum Voltage Detector. It cannot be disabled by the user and
generate a destructive Reset.
•
LVD stands for Low Voltage Detector. It can be disabled by the user.
•
HVD stands for High Voltage Detector. It can be disabled by the user.
•
UVD stands for Upper Voltage Detector. It cannot be disabled by the user and generate
a destructive reset.
Table 24. Voltage regulator electrical characteristics(1)
Symbol
Parameter
Conditions(2)
Value(3)
Unit
Min
Typ
Max
CREG
SR
Internal voltage regulator stability
external capacitance
—1.1
2.2(4)
2.97
µF
RDECREGn SR
Stability capacitor equivalent serial
resistance
Total resistance including
board track
1—
50
m
Ω
CV1V2
SR
EMC cap to be placed on every
1.2 V pin
VDD/VSS pair
50
100
135
nF
CDECBV
SR Decoupling capacitance ballast
VDD_BV/VSS_LV pair
1.1
2.2(4)
2.97
µF
VMREG
CC Main regulator output voltage
Before trimming
1.21
1.27
1.32(5)
V
After trimming
1.22
1.25
1.28
IDDMREG
SR
Main regulator current provided to
VDD_LV domain
—
—
—
300
mA
ΔIDDMREG SR Main regulator current variation
20 µs observation window
-100
—
100
mA
1. All 1.2V pins should be shorted externally on board with minimum resistance and minimum inductance. It is recommended
to use a 1.2V plane on which all 1.2V pins are shorted to keep resistance and inductance negligible. Recommended
capacitors should be placed very close to the device pins such that parasitic resistance can be reduced. Connection from
VDD_LV pin to capacitor top plate should not exceed more than 5mohm in resistance and 0.5nH in inductance. Similarly
connection from bottom plate of capacitor to PCB ground should not have more than 5mohm resistance and 0.5nH
inductance.
2. VDD = 5.0 V ± 10%, TA = -40 / 125 °C, unless otherwise specified.
3. All values need to be confirmed during device validation.
4. Recommended X7R or X5R ceramic -43% / +35% variation, 20% tolerance and 12.5% temperature.
5. At power-up condition before trimming.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com