Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 10 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 6Page - STMicroelectronics SPC574S64 Datasheet HTML 7Page - STMicroelectronics SPC574S64 Datasheet HTML 8Page - STMicroelectronics SPC574S64 Datasheet HTML 9Page - STMicroelectronics SPC574S64 Datasheet HTML 10Page - STMicroelectronics SPC574S64 Datasheet HTML 11Page - STMicroelectronics SPC574S64 Datasheet HTML 12Page - STMicroelectronics SPC574S64 Datasheet HTML 13Page - STMicroelectronics SPC574S64 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 77 page
background image
Introduction
SPC574Sx
10/77
DS10601 Rev 6
Deserial serial peripheral
interface (DSPI)
Provides a synchronous serial interface for communication with external
devices
Direct Memory Access (DMA)
Performs complex data transfers with minimal intervention from a host
processor via 32 programmable channels.
DMACHMUX
Allows to route a defined number of DMA peripheral sources to the DMA
channels
Flash memory
Provides non-volatile storage for program code, constants and variables
Frequency-modulated phase
locked loop (PLL0)
Output independent of core clock frequency
Frequency-modulated phase-
locked loop (PLL1)
Generates high-speed system clocks and supports programmable frequency
modulation
Interrupt controller (INTC)
Provides priority-based preemptive scheduling of interrupt requests
PBRIDGE
System bus to peripheral bus interface
RAM controller
Acts as an interface between the system bus and the integrated system RAM
System RAM
Supports read/write accesses mapped to the SRAM memory from any master
Flash memory controller
Acts as an interface between the system bus and the Flash memory module
Flash memory
Up to 1.5 M of programmable, non-volatile Flash memory for code and 32 KB
for data
IRCOSC
Controls the internal 16 MHz RC oscillator system
XOSC
Controls the on-chip oscillator (XOSC) and provides the register interface for the
programmable features
JTAG Master
Provides software the option to write data for driving JTAG
JTAG Data Communication
Module (JDC)
Provides the capability to move register data between the IPS and JTAG
domains
PASS
Programs a set of Flash memory access protections, based on user
programmable passwords
Sequence Processing Unit (SPU) Provides on-device trigger functions similar to those found on a logic analyzer
LINFlex controller
Manages a high number of LIN (Local Interconnect Network protocol)
messages efficiently with a minimum of CPU load
Clock generation module
(MC_CGM)
Provides logic and control required for the generation of system and peripheral
clocks
Mode entry module (MC_ME)
Provides a mechanism for controlling the device operational mode and mode
transition sequences in all functional states; also manages the power control
unit, reset generation module and clock generation module, and holds the
configuration, control and status registers accessible for applications
MC_PMC
Contains registers that enable/disable the various voltage monitors
Reset generation module
(MC_RGM)
Centralizes reset sources and manages the device reset sequence of the
device
Memory protection unit (MPU)
Provides hardware access control for all memory references generated in a
device
Table 3. SPC574Sx series block summary (continued)
Block
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com