Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 50 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 46Page - STMicroelectronics SPC574S64 Datasheet HTML 47Page - STMicroelectronics SPC574S64 Datasheet HTML 48Page - STMicroelectronics SPC574S64 Datasheet HTML 49Page - STMicroelectronics SPC574S64 Datasheet HTML 50Page - STMicroelectronics SPC574S64 Datasheet HTML 51Page - STMicroelectronics SPC574S64 Datasheet HTML 52Page - STMicroelectronics SPC574S64 Datasheet HTML 53Page - STMicroelectronics SPC574S64 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 77 page
background image
Electrical characteristics
SPC574Sx
50/77
DS10601 Rev 6
Figure 11. Crystal/Resonator Connections
Table 33. Selectable load capacitance
load_cap_sel[4:0] from DCF record
Capacitance offered on EXTAL/XTAL
(Cx and Cy)(1) (pF)
1. Values are determined from simulation with a tolerance of ±15%.
00000
1.032
00001
1.976
00010
2.898
00011
3.823
00100
4.751
00101
5.679
00110
6.605
00111
7.536
01000
8.460
01001
9.390
01010
10.317
01011
11.245
01100
12.173
01101
13.101
01110
14.029
01111
14.957
Crystal or Resonator
EXTAL
XTAL
On chip
Off chip
Cy
Cx
vsssyn
8-40MHz EXTERNAL
OSCILLATOR (XOSC) DRIVER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com