Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 51 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 47Page - STMicroelectronics SPC574S64 Datasheet HTML 48Page - STMicroelectronics SPC574S64 Datasheet HTML 49Page - STMicroelectronics SPC574S64 Datasheet HTML 50Page - STMicroelectronics SPC574S64 Datasheet HTML 51Page - STMicroelectronics SPC574S64 Datasheet HTML 52Page - STMicroelectronics SPC574S64 Datasheet HTML 53Page - STMicroelectronics SPC574S64 Datasheet HTML 54Page - STMicroelectronics SPC574S64 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 77 page
background image
DS10601 Rev 6
51/77
SPC574Sx
Electrical characteristics
76
Figure 12. Test circuit
3.17
Internal RC oscillator (16 MHz) electrical characteristics
The device provides a 16 MHz internal RC oscillator. This is used as the default clock at the
power-up of the device.
V
+
-
A
IXTAL
OFF
PCB GND
Tester
ALC
Z = R + j
ωL
VEXTAL = 0 V
VXTAL = 0 V
ALC INACTIVE
Conditions
XTAL
EXTAL
VSSOSC
VSS
VDDOSC
Bias current
Comparator
Table 34. Internal RC oscillator electrical specifications
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ Max
fTarget
CC D IRC target frequency
—
—
16
—
MHz
δfvar_noT CC P
IRC frequency variation without temperature
compensation
—–8
—
+8
%
δfvar_T CC T
IRC frequency variation with temperature
compensation
TJ <150 °C
–2
—
+2
%
δfvar_SW — T IRC software trimming accuracy
Trimming temperature
–1
—
+1
%
tstart_noT CC T Startup time to reach within fvar_noT
Factory trimming
already applied
——
5
µs
tstart_T CC T Startup time to reach within fvar_T
Factory trimming
already applied
——
120
µs
IAVDD5 CC T Current consumption on 5 V power supply
After tstart_T
——
400
µA
IDVDD12 CC T Current consumption on 1.2 V power supply After tstart_T
——
175
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com