Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 41 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 37Page - STMicroelectronics SPC574S64 Datasheet HTML 38Page - STMicroelectronics SPC574S64 Datasheet HTML 39Page - STMicroelectronics SPC574S64 Datasheet HTML 40Page - STMicroelectronics SPC574S64 Datasheet HTML 41Page - STMicroelectronics SPC574S64 Datasheet HTML 42Page - STMicroelectronics SPC574S64 Datasheet HTML 43Page - STMicroelectronics SPC574S64 Datasheet HTML 44Page - STMicroelectronics SPC574S64 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 77 page
background image
DS10601 Rev 6
41/77
SPC574Sx
Electrical characteristics
76
Figure 10. ADC decoupling capacitance/resistance scheme
Note:
All 1.2V pins should be shorted externally on board with minimum resistance and minimum
inductance. It is recommended to use a 1.2V plane on which all 1.2V pins are shorted to
keep resistance and inductance negligible. Recommended capacitors should be placed
very close to the device pins such that parasitic resistance can be reduced. Connection from
VDD_LV pin to capacitor top plate should not exceed more than 5mohm in resistance and
0.5nH in inductance. Similarly connection from bottom plate of capacitor to PCB ground
should not have more than 5mohm resistance and 0.5nH inductance.
DEVICE
VHV_ADC
VREF_ADC
INPUT CHANNEL
VHV_ADC[1:0] VREF_ADC[1:0]
Ce
ADC channel[31:0]
C2
C1
R2
Re
22
32
Table 22. ADC decoupling capacitance/resistance values
Label
Instances
Value
Recommended commercial components
based on PVT/aging degradation
C1
2
470 nF
min 1 µF
R2
2
5 to 8
Ω
max 8
Ω
C2
2
1 µF
min 2.2 µF
Ce
32
≥ 8192(1) × Cs(2) × 2(3) = 115 nF
min 200 nF
Re
32
<= 1/(8192(1) × Fs × Cs(2) × 2(3))=13 Ω
max 10
Ω
1.
Factor depending on the ADC 12 bits
2.
Input capacitance Cs = 7 pF
3.
Factor for 2 ADCs on the same physical channel
Table 23. Package ADC supply decoupling capacitance
PAD
eTQFP100 package
VREFH_ADC_S0
36
VDD_HV_ADC_S0
39
VREFH_ADC_S1
—
VDD_HV_ADC_E0
51



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com