Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPC574S64 Datasheet(PDF) 27 Page - STMicroelectronics

Part # SPC574S64
Description  32-bit Power Architecture microcontroller for automotive ASILD applications
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574S64 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button SPC574S64 Datasheet HTML 23Page - STMicroelectronics SPC574S64 Datasheet HTML 24Page - STMicroelectronics SPC574S64 Datasheet HTML 25Page - STMicroelectronics SPC574S64 Datasheet HTML 26Page - STMicroelectronics SPC574S64 Datasheet HTML 27Page - STMicroelectronics SPC574S64 Datasheet HTML 28Page - STMicroelectronics SPC574S64 Datasheet HTML 29Page - STMicroelectronics SPC574S64 Datasheet HTML 30Page - STMicroelectronics SPC574S64 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 77 page
background image
DS10601 Rev 6
27/77
SPC574Sx
Electrical characteristics
76
3.9.2
I/O input DC characteristics
Table 12 provides input DC electrical characteristics as described in Figure 3.
Figure 3. I/O input DC electrical characteristics definition
VIL
VIN
VIH
PDIx = ‘1’
VDD
VHYS
(GPDI register of SIUL)
PDIx = ‘0’
Table 12. I/O input DC electrical characteristics
Symbol
C
Parameter
Conditions
Value
Unit
Min
Typ
Max
TTL
VIH
SR P Input high level TTL
3.0 V < VDD_HV_IO <3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
2.0(1)
——
V
VIL
SR P Input low level TTL
3.0 V < VDD_HV_IO <3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
——
0.8
VHYST
— C Input hysteresis TTL
3.0 V < VDD_HV_IO < 3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
0.3(2)
——
CMOS
VIHCMOS_H
(3)
SR P
Input high level
CMOS
(with hysteresis)
3.0 V < VDD_HV_IO <3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
0.65
×
VDD_HV_IO
—
VDD_HV_IO
+0.3
V
VIHCMOS(3) SR P
Input high level
CMOS
(without hysteresis)
3.0 V < VDD_HV_IO <3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
0.6
×
VDD_HV_IO
—
VDD_HV_IO
+0.3
V
VILCMOS_H
(3)
SR P
Input low level
CMOS
(with hysteresis)
3.0 V < VDD_HV_IO <3.6 V
and
4.5 V < VDD_HV_IO <5.5 V
-0.3
—
0.35
×
VDD_HV_IO
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com