Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 25 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 25 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 21Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 22Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 23Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 24Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 25Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 26Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 27Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 28Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 102 page
background image
8.3.2 SYNC/SYSREF
The SYNC and SYSREF signals share the same SYNC/SYSREF Clock Distribution path. To properly use SYNC
and/or SYSREF for JESD204B/C, it is important to understand the SYNC/SYSREF system. Figure 8-2 shows
the detailed diagram of a clock output block with SYNC circuitry included. Figure 8-3 shows the interconnects
and highlights some important registers used in controlling the device for SYNC/SYSREF purposes.
To reset or synchronize a divider, the following conditions must be met:
1. SYNC_EN must be set. This ensures proper operation of the SYNC circuitry.
2. SYSREF_MUX and SYNC_MODE must be set to a proper combination to provide a valid SYNC/SYSREF
signal.
• If SYSREF block is being used, the SYSREF_PD bit must be clear.
• If the SYSREF Pulser is being used, the SYSREF_PLSR_PD bit must be clear.
• For each CLKOUTx or CLKOUTy being used for SYSREF, the respective SCLKX_Y_PD bit must be
cleared.
3. DCLKX_Y_DDLY_PD and SYSREF_DDLY_PD bits must be clear to power up the digital delay circuitry
used during SYNC to cause deterministic phase between the device clock dividers and the global SYSREF
divider.
4. The SYNC_DISX bit must be clear to allow SYNC/SYSREF signal to divider circuit. The SYSREF_MUX
register selects the SYNC source which resets the SYSREF/CLKOUTx dividers, provided the corresponding
SYNC_DISX bit is clear.
5. Other bits which impact the operation of SYNC such as SYNC_1SHOT_EN may be set as desired.
6. After these dividers are synchronized, the DCLKX_Y_DDLY_PD and SYSREF_DDLY_PD bits may be set to
save current. Clearing them to power up may disrupt the output clock phase.
Table 8-2 shows the some possible combinations of SYSREF_MUX and SYNC_MODE.
Table 8-2. Some Possible SYNC Configurations
NAME
SYNC_MODE
SYSREF_MUX
OTHER
DESCRIPTION
SYNC Disabled
0
0
CLKin0_DEMUX ≠ 0
No SYNC will occur.
Pin or SPI SYNC
1
0
CLKin0_DEMUX ≠ 0
Basic SYNC functionality, SYNC pin polarity is
selected by SYNC_POL.
To achieve SYNC through SPI, toggle the SYNC_POL
bit.
Differential input
SYNC
X
0 or 1
CLKin0_DEMUX = 0
Differential CLKin0 now operates as SYNC input.
JESD204B/C
Pulser on pin
transition.
2
2
SYSREF_PULSE_CNT
sets pulse count
Produce SYSREF_PULSE_CNT programmed
number of pulses on pin transition. SYNC_POL can
be used to cause SYNC through SPI.
JESD204B/C
Pulser on SPI
programming.
3
2
SYSREF_PULSE_CNT
sets pulse count
Programming SYSREF_PULSE_CNT register starts
sending the number of pulses.
Re-clocked SYNC
1
1
SYSREF operational,
SYSREF Divider as
required for training frame
size.
Allows precise SYNC for n-bit frame training patterns
for non-JESD converters such as LM97600.
External SYSREF
request
0
2
SYSREF_REQ_EN = 1
Pulser powered up
When SYNC pin is asserted, continuous SYSREF
pulses occur. Turning on and off of the pulses is
synchronized to prevent runt pulses from occurring on
SYSREF.
Continuous
SYSREF
X
3
SYSREF_PD = 0
SYSREF_DDLY_PD = 0
SYSREF_PLSR_PD = 1
(1)
Continuous SYSREF signal.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com