Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 77 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 77 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 77Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 78Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 79Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 80Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 81Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 102 page
background image
8.6.2.8.3 PLL2_N_CAL
PLL2_N_CAL[17:0]
PLL2 never uses 0-delay during frequency calibration. These registers contain the value of the PLL2 N divider
used with PLL2 pre-scaler during calibration for cascaded 0-delay mode. Once calibration is complete, PLL2 will
use the PLL2_N value. Cascaded 0-delay mode occurs when PLL2_NCLK_MUX = 1.
Table 8-71. PLL2_N_CAL[17:0]
MSB
—
LSB
0x163[1:0] / PLL2_N_CAL[17:16]
0x164[7:0] / PLL2_N_CAL[15:8]
0x165[7:0] / PLL2_N_CAL[7:0]
Table 8-72. Registers 0x163, 0x164, and 0x165
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x163
7:2
NA
0
Reserved
0x163
1:0
PLL2_N _CAL[17:16]
0
Field Value
Divide Value
0 (0x00)
Not Valid
0x164
7:0
PLL2_N_CAL[15:8]
0
1 (0x01)
1
2 (0x02)
2
0x165
7:0
PLL2_N_CAL[7:0]
12
...
...
262,143 (0x3FFFF)
262,143
8.6.2.8.4 PLL2_N
This register disables frequency calibration and sets the PLL2 N divider value. Programming register 0x168
starts a VCO calibration routine if PLL2_FCAL_DIS = 0.
Table 8-73. PLL2_N[17:0]
MSB
—
LSB
0x166[1:0] / PLL2_N[17:16]
0x167[7:0] / PLL2_N[15:8]
0x168[7:0] / PLL2_N[7:0]
Table 8-74. Registers 0x166, 0x167, and 0x168
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x166
7:3
NA
0
Reserved
0x166
2
PLL2_FCAL_DIS
0
Setting this to 1 disables PLL2 frequency calibration on
programming of register 0x168
0x166
1:0
PLL2_N[17:16]
0
Field Value
Divide Value
0 (0x00)
Not Valid
0x167
7:0
PLL2_N[15:8]
0
1 (0x01)
1
2 (0x02)
2
0x168
7:0
PLL2_N[7:0]
12
...
...
262,143 (0x3FFFF)
262,143
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
77
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com