Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 36 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 36 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 32Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 33Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 34Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 35Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 36Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 37Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 102 page
background image
CLKINx_P
CLKINx_N
PLL1
Phase
Detector/
Charge
Pump
R
N
Up to 3
inputs
External
Loop Filter
N
R
PLL2
Phase
Detector/
Charge
Pump
SYSREF
Digital Delay
Analog Delay
Device Clock
Divider
Digital Delay
PLL1
PLL2
External
VCXO
External
Loop Filter
OSCOUT_P
OSCOUT_N
CPOUT2
7 Blocks
Global SYSREF
Divider and Delay
Device Clock
Divider
Digital Delay
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
Internal or external loopback, user programmable
Up to 14 Clock or
SYSREF Outputs
CLKOUTx_P
CLKOUTx_N
CLKOUTy_P
CLKOUTy_N
Figure 8-12. Simplified Functional Block Diagram for Nested 0-Delay Dual Loop Mode
8.4.2 Single PLL
8.4.2.1 PLL2 Single Loop
Figure 8-13 shows the use case of PLL2 single loop mode. When used with a high-frequency clean reference
performance as good as dual loop mode may be achieved. Traditionally the OSCIN is used as a reference to
PLL2, but it is also possible to use CLKINx as a reference to PLL2.
N
R
PLL2
Phase
Detector/
Charge
Pump
SYSREF
Digital Delay
Analog Delay
Device Clock
Divider
Digital Delay
PLL2
External
Loop Filter
OSCOUT_P
OSCOUT_N
CPOUT2
OSCIN_P
7 Blocks
Global SYSREF
Divider and Delay
Device Clock
Divider
Digital Delay
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
OSCIN_N
CLKINx_P
CLKINx_N
Up to 4
Inputs
Up to 14 Clock or
SYSREF Outputs
CLKOUTx_P
CLKOUTx_N
CLKOUTy_P
CLKOUTy_N
Figure 8-13. Simplified Functional Block Diagram for Single Loop Mode
8.4.2.2 PLL2 With External VCO
You can use the FIN0/FIN1 input pins to add an external VCO. The input may be single-ended or differential. At
high frequency, the input impedance to FIN0/FIN1 is low. A resistive pad is recommended for matching.
N
R
PLL2
Phase
Detector/
Charge
Pump
SYSREF
Digital Delay
Analog Delay
Device Clock
Divider
Digital Delay
PLL2
External Loop Filter
OSCOUT_P
OSCOUT_N
CPOUT2
OSCIN_P
7 Blocks
Global SYSREF
Divider and Delay
Device Clock
Divider
Digital Delay
Device Clock
Divider
Digital Delay
SYSREF
Digital Delay
Analog Delay
SYSREF
Digital Delay
Analog Delay
7 Blocks
OSCIN_N
CLKINx_P
CLKINx_N
Up to3
Inputs
FIN0_P
FIN0_N
Up to 14 Clock or
SYSREF Outputs
CLKOUTx_P
CLKOUTx_N
CLKOUTy_P
CLKOUTy_N
Figure 8-14. Simplified Functional Block Diagram for Single Loop Mode With External VCO
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com