Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 5 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 5 Page - Texas Instruments

  LMK04832PAP/EM Datasheet HTML 1Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 2Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 3Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 102 page
background image
Table 5-1. Pin Functions (continued)
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
40
FIN0_P
I
ANLG
High-speed input for external VCO or clock distribution. Supports /2 for
frequency greater than 3250 MHz.
41
FIN0_N
42
VCC1_VCO
–
PWR
Power supply for VCO and clock distribution.
43
LDOBYP1
–
ANLG
LDO Bypass, bypassed to ground with 10-µF capacitor.
44
LDOBYP2
–
ANLG
LDO Bypass, bypassed to ground with a 0.1-µF capacitor.
45
CLKOUT3_P
O
Programmable
Clock output 3. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
46
CLKOUT3_N
47
CLKOUT2_P
O
Programmable
Clock output 2. For JESD204B/C systems suggest Device Clock.
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
48
CLKOUT2_N
49
VCC2_CG1
–
PWR
Power supply for clock outputs 2 and 3.
50
CS#
I
CMOS
Chip Select
51
SCK
I
CMOS
SPI Clock
52
SDIO
I/O
CMOS
SPI Data
53
VCC3_SYSREF
–
PWR
Power supply for SYSREF divider and SYNC.
54
CLKOUT5_P
O
Programmable
Clock output 5. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
55
CLKOUT5_N
56
CLKOUT4_P
O
Programmable
Clock output 4. For JESD204B/C systems suggest Device Clock.(1)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
57
CLKOUT4_N
58
VCC4_CG2
–
PWR
Power supply for clock outputs 4, 5, 6 and 7.
59
CLKOUT6_P
O
Programmable
Clock output 6. For JESD204B/C systems suggest Device Clock.(1)
Programmable formats: CML, LVPECL, LCPECL, or LVDS.
60
CLKOUT6_N
61
CLKOUT7_P
O
Programmable
Clock output 7. For JESD204B/C systems suggest SYSREF Clock.
(1) Programmable formats: CML, LVPECL, LCPECL, LVDS, or
2xLVCMOS.
62
CLKOUT7_N
63
STATUS_LD1
I/O
Programmable
Programmable status pin.
64
CPOUT1
O
ANLG
Charge pump 1 output.
DAP
DAP
–
GND
DIE ATTACH PAD, connect to GND.
(1)
Actual best allocation of device clocks and SYSREF depends upon frequency planning to group common frequencies.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com