Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 92 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 92 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 90Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 93Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 94Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 95Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 96Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 102 page
background image
0.01 F
Unpowered
Device
± 400 mV square
wave source
CLKIN or OSCIN
Copyright © 2022, Texas Instruments Incorporated
Figure 9-9. AC-Coupled ± 400 mV Signal Inputted to Unpowered Device
9.4 Layout
9.4.1 Layout Guidelines
In general, the following general guidelines are useful to keep in mind.
• GND pins on the outer perimeter of the package may be routed on the package back to the DAP
• Ensure the DAP on device is well-grounded with many vias.
• Use a low loss dielectric material, such as Rogers 4350B, for optimal output power.
• For power supply bypassing, isolate each clock group .
In addition to this, there are special considerations for the routing of the outputs. The outputs are divided in to
several output groups.
• Clock Group 0: CLKOUT0, CLKOUT1, CLKOUT12, CLKOUT13
• Clock Group 1: CLKOUT2, CLKOUT3
• Clock Group 2: CLKOUT4, CLKOUT5, CLKOUT6, CLKOUT7
• Clock Group 3: CLKOUT8, CLKOUT9, CLKOUT10, CLKOUT11
It is optimal to isolate the power supply pins for these clock group pins with a ferrite bead to crosstalk between
the outputs, especially if the output groups have different frequencies. If there is flexibility in planning which
frequencies go to which outputs, crosstalk can be minimized by putting different frequencies in different output
groups (as opposed to putting them in the same output group).
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
92
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com