Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 89 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 89 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 85Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 86Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 87Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 90Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 93Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 102 page
background image
9.2.1 Design Requirements
Clocks outputs:
• 1x 122.88 MHz LVCMOS
• 1x 122.88 MHz HSDS
• 1x 245.76 MHz LVPECL
• 1x 983.04 MHz LVDS
• 1x 2949.12 MHz CML
For best performance, the highest possible phase detector frequency is used at PLL2. As such, a 122.88-MHz
VCXO is used. Assume that the 2949.12-MHz CML clock is the most performance critical one.
9.2.2 Detailed Design Procedure
TI has the TICSPRO and PLLatinum™ simulation tools that can be used to determine register values and design
the loop filter. CML and LVPECL output formats have the best noise floor, but consume more current, therefore it
is best to use these formats when noise floor matters. As for frequency planning, CLKOUT4 has the most critical
output, and this output has a strong interaction with the CLKOUT6. To avoid a strong interaction, the CLKOUT6
was not used in this example and a spur was added to the CLKOUT4. The 122.88-MHz HSDS clock could
potentially generate a lot of spurs and mixing products, so this HSDS clock was placed on the CLKOUT8 that
has the weakest interaction with the other channels.
9.2.2.1 Device Selection
Enter the required frequencies into the tools. In this design, VCO0 and VCO1 both meet the design
requirements. VCO0 offers a relatively improved VCO performance over VCO1. In this case, choose VCO0
for improved RMS jitter in the 12-kHz to 20-MHz integration range.
9.2.2.1.1 Clock Architect
Under the advanced tab of the Clock Architect, filtering of specific parts can be done using regular expressions
in the Part Filter box. [LMK04832.*] will filter for only the LMK04832 device (without brackets). More detailed
filters can be given such as the entire part name LMK04832_VCO0 to force an LMK04832 using VCO0 solution
if one is available.
9.2.2.2 Device Configuration and Simulation
The tools automatically configure the simulation to meet the input and output frequency requirements given, and
make assumptions about other parameters to give some default simulations. However, the user may chose to
make adjustments for more accurate simulations to their application. For example:
• Entering the VCO Gain of the external VCXO or possible external VCO used device.
• Adjust the charge pump current to help with loop filter component selection. Lower charge pump currents
result in smaller components but may increase impacts of leakage and at the lowest values reduce PLL
phase noise performance.
• Clock Architect allows loading a custom phase noise plot for reference or VCXO block. Typically, a custom
phase noise plot is entered for CLKin to match the reference phase noise to device; a phase noise plot for
the VCXO can additionally be provided to match the performance of VCXO used. For improved accuracy in
simulation and optimum loop filter design, be sure to load these custom noise profiles for use in application.
• The PLLatinum™ Simulation tool can also be used to design and simulate a loop filter.
9.2.2.3 Device Setup
Frequency Planning
• Even clock outputs have the simplest output path and lowest noise floor, so they were chosen.
• CLKOUT4 is used so therefore CLKOUT6 & CLKOUT7 should either not be used or at least be assigned the
same frequency as CLKOUT4.
• CLKOUT8 is used, so therefore CLKOUT10 & CLKOUT11 should either not be used or at least be assigned
the same frequency as CLKOUT8.
Output Formats
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
89
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com