Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 18 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 18 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 15Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 16Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 17Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 18Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 19Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 20Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 21Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 102 page
background image
Note
The FIN0_P/FIN0_N input is generally recommended because it is lower noise, supports higher input
frequency (up to 6 GHz if the div2 is used), and it leaves CLKIN1 available for redundant inputs.
FIN1_P/FIN1_N inputs are generally NOT recommended, for the reasons stated above, although they
can be used.
8.1.5 Clock Distribution
There are a total of 14 PLL2 clock outputs driven from the internal or external VCO.
All clock outputs have programmable output types. They can be programmed to CML, LVPECL, LVDS, HSDS, or
LCPECL. All odd clock outputs plus CLKOUT8 and CLKOUT10 may be programmed to LVCMOS.
In addition to these 14 clocks, there is also an additional OSCout output for a total of 15 differential output
clocks. OSCout may be a buffered version of OSCIN, DCLKOUT6, DCLKOUT8, or SYSREF. Its output format is
programmable to LVDS, LVPECL, or LVCMOS.
The following sections discuss specific features of the clock distribution channels that allow the user to control
various aspects of the output clocks.
8.1.5.1 Clock Divider
There are seven clock dividers. In a traditional clocking system, each divider can drive two outputs. The divider
range is 1 to 1023. Duty cycle correction may be enabled for the output. When the divider is used even clocks
may not output CML.
In a JESD204B/C system, one clock output is a device clock driven from the clock divider and the other paired
clock is from the SYSREF divider. For connectivity flexibility, either the even or odd clock output may be driven
by the clock divider or be the SYSREF output.
8.1.5.2 High Performance Divider Bypass Mode
The even clock outputs (CLKOUT0/2/4/6/8/10/12) may bypass the clock divider to achieve the best possible
noise floor and output swing. In this mode, the only usable output format is CML.
8.1.5.3 SYSREF Clock Divider
The SYSREF divider supports a divide range of 8 to 8191 (even and odd). There is no duty cycle correction for
the SYSREF divider. The SYSREF output may be routed to all clock outputs.
8.1.5.4 Device Clock Delay
The device clocks support digital delay for phase adjustment of the clock outputs.
The digital delay allows outputs to be delayed from 8 to 1023 VCO cycles. The delay step can be as small as
half the period of the clock distribution path. For example, a 3.2-GHz VCO frequency results in 156.25-ps steps.
The digital delay value takes effect on the clock output phase after a SYNC event.
8.1.5.5 Dynamic Digital Delay
The device clock dividers support a dynamic digital delay feature which allows the clock to be delayed by one full
device clock cycle. With a single programming, an adjustment of up to 255 one cycle delays may occur. When
making a multi-step adjustment, the adjustments are periodically applied to reduce impact to the clock.
Dynamic phase adjustments of half a clock distribution cycle are possible by half step.
The SYSREF digital delay value is reused for dynamic digital delay. To achieve a one cycle delay program the
SYSREF digital delay value to one greater than half the SYSREF divide value.
8.1.5.6 SYSREF Delay: Global and Local
The SYSREF divider includes a digital delay block which allows a global phase shift with respect to the device
clocks.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
18
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com