Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 8 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 8 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 102 page
background image
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
PLL 1 Specifications
fPD1
Phase Detector Frequency
40
MHz
PN10kHz
PLL Normalized 1/f Noise(4)
PLL1_CP_GAIN = 350 µA
–117
dBc/Hz
PLL1_CP_GAIN = 1550 µA
–118
PN FOM
PLL Figure of Merit(5)
PLL1_CP_GAIN = 350 µA
–221.5
PLL1_CP_GAIN = 1550 µA
–223
ICPOUT1
Charge Pump Current(6)
VCPout=Vcc/2
PLL1_CP_GAIN=0
50
µA
PLL1_CP_GAIN=1
150
PLL1_CP_GAIN=2
250
PLL1_CP_GAIN=4
450
PLL1_CP_GAIN=8
850
ICPOUT1%MI
S
Charge Pump Sink / Source
Mismatch
VCPout1 = Vcc/2, T =
25 °C
VCPout1 = Vcc/2, T = 25
°C
1
10
%
ICPOUT1VTUN
E
Magnitude of Charge Pump Current
Variation vs. Charge Pump Voltage
0.5 V < VCPout1 < VCC
- 0.5 V TA = 25 °C
0.5 V < VCPout1 < VCC -
0.5 V TA = 25 °C
1
10
%
ICPOUT1%TE
MP
Charge Pump Current vs.
Temperature Varation
2
10
%
ICPOUT1TRI
Charge Pump TRI_STATE Leakage
Current
10
nA
OSCIN Input
fOSCIN
EN_PLL2_REF_2X=0
0.001
500
MHz
EN_PLL2_REF_2X=1
0.001
320
SLEWOSCIN Input Slew Rate
0.15
0.5
V/ns
VOSCIN
Input voltage for OSCIN_P or
OSCIN_N
AC coupled; single-ended; unused pin AC
coupled to GND
0.2
2.4
Vpp
VIDOSCIN
Differential voltage swing(3)
AC coupled
0.2
1.55
|V|
VSSOSCIN
0.4
3.1
Vpp
VCLKINxOffse
t
DC offset voltage between
CLKINx_P/CLKINx_N. Each Pin AC
Coupled
20
mV
PLL 2 Specifications
fPD
Phase Detector Frequency
320
MHz
PN10kHz
PLL Normalized 1/f Noise(4)
PLL2_CP_GAIN = 1600 uA
–123
dBc/Hz
PLL2_CP_GAIN = 3200 uA
–128
PN FOM
PLL Figure of Merit(5)
PLL2_CP_GAIN = 1600 uA
–226.5
PLL2_CP_GAIN = 3200 uA
–230
ICPOUT
Charge Pump Current Magnitude(6)
VCPOUT=Vcc/2
PLL2_CP_GAIN=2
1600
µA
PLL2_CP_GAIN=3
3200
ICPOUT1%MI
S
Charge Pump Sink / Source
Mismatch
VCPOUT = Vcc/2, T =
25 °C
VCPOUT1 = Vcc/2, T = 25
°C
1
10
%
ICPout1VTUNE
Magnitude of Charge Pump Current
Variation vs. Charge Pump Voltage
0.5 V < VCPOUT1 <
VCC - 0.5 V TA = 25
°C
0.5 V < VCPOUT1 < VCC -
0.5 V TA = 25 °C
2
10
%
ICPOUT%TE
MP
Charge Pump Current vs.
Temperature Variation
3
10
%
ICPOUT1TRI
Charge Pump TRI_STATE Leakage
Current
10
nA
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
8
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com