Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 3 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 3 Page - Texas Instruments

  LMK04832PAP/EM Datasheet HTML 1Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 2Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 3Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 4Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 5Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
5 Pin Configuration and Functions
1
VCC5_DIG
48
CLKOUT2_N
2
CLKIN1_P/FIN1_P/FBCLKIN_P
47
CLKOUT2_P
3
CLKIN1_N/FIN1_N/FBCLK_N
46
CLKOUT3_N
4
VCC6_PLL1
45
CLKOUT3_P
5
CLKIN0_P
44
LDOBYP2
6
CLKIN0_N
43
LDOBYP1
7
VCC7_OSCOUT
42
VCC1_VCO
8
OSCOUT_P/CLKIN2_P
41
FIN0_N
9
OSCOUT_N/CLKIN2_N
40
FIN0_P
10
VCC8_OSCIN
39
GND
11
OSCIN_P
38
SYNC/SYSREF_REQ
12
OSCIN_N
37
RESET/GPO
13
VCC9_CP2
36
CLKOUT1_N
14
CPOUT2
35
CLKOUT1_P
15
VCC10_PLL2
34
CLKOUT0_N
16
STATUS_LD2
33
CLKOUT0_P
Not to scale
DAP
Figure 5-1. PAP Package 64-Pin HTQFP Top View
Table 5-1. Pin Functions
PIN
I/O
TYPE
DESCRIPTION
NO.
NAME
1
VCC5_DIG
–
PWR
Power supply for the digital circuitry.
2
CLKIN1_P/
FIN1_P/
FBCLKIN_P
I
ANLG
CLKIN1_P: Reference Clock input port 1 for PLL1. FIN1_P: External
VCO input or clock distribution input. FBCLKIN_P: Feedback input for
external clock feedback input (0–delay mode).
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com