Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 61 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 61 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 57Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 58Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 59Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 60Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 61Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 62Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 63Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 64Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 65Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 102 page
background image
8.6.2.4 (0x146 - 0x149) CLKIN Control
8.6.2.4.1 CLKin_SEL_PIN_EN, CLKin_SEL_PIN_POL, CLKin2_EN, CLKin1_EN, CLKin0_EN, CLKin2_TYPE,
CLKin1_TYPE, CLKin0_TYPE
This register has CLKin enable and type controls. See Input Clock Switching for more info on how clock input
selection works.
Table 8-42. Register 0x146
BIT
NAME
POR DEFAULT
DESCRIPTION
7
CLKin_SEL_PIN_EN
0
Enables pin control according to Input Clock Switching.
6
CLKin_SEL_PIN_POL
0
Inverts the CLKin polarity for use in pin select mode.
0: Active High
1: Active Low
5
CLKin2_EN
0
Enable CLKin2 to be used during auto-switching.
0: Not enabled for auto mode
1: Enabled for auto clock switching mode
4
CLKin1_EN
1
Enable CLKin1 to be used during auto-switching.
0: Not enabled for auto mode
1: Enabled for auto clock switching mode
3
CLKin0_EN
1
Enable CLKin0 to be used during auto-switching.
0: Not enabled for auto mode
1: Enabled for auto clock switching mode
2
CLKin2_TYPE
0
0: Bipolar
1: MOS
There are two buffer types for CLKin0,
1, and 2: bipolar and CMOS. Bipolar
is recommended for differential inputs
like LVDS or LVPECL. CMOS is
recommended for DC-coupled single
ended inputs.
When using bipolar, CLKinX and
CLKinX* must be AC-coupled.
When using CMOS, CLKinX and
CLKinX* may be AC or DC-coupled
if the input signal is differential. If
the input signal is single-ended the
used input may be either AC or DC-
coupled and the unused input must
AC grounded.
1
CLKin1_TYPE
0
0
CLKin0_TYPE
0
8.6.2.4.2 CLKin_SEL_AUTO_REVERT_EN, CLKin_SEL_AUTO_EN, CLKin_SEL_MANUAL, CLKin1_DEMUX,
CLKin0_DEMUX
Table 8-43. Register 0x147
BIT
NAME
POR DEFAULT
DESCRIPTION
7
CLKin_SEL_
AUTO_REVERT_EN
0
If the active clock is detected on a higher priority clock while the device is in
auto clock switching mode, the clock input is immediately switched. Highest
priority input is lowest numbered active clock input.
6
CLKin_SEL_AUTO_EN
0
Enables pin control according to Figure 8-7.
5:4
CLKin_SEL_MANUAL
1
Selects the clock input when in manual mode according to Figure 8-7.
Field Value
Definition
0 (0x00)
CLKIN0
1 (0x01)
CLKIN1
2 (0x02)
CLKIN2
3 (0x03)
Holdover
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
61
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com