Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 70 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 70 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 66Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 67Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 102 page
background image
8.6.2.7 (0x153 - 0x15F) PLL1 Configuration
8.6.2.7.1 CLKin0_R
Table 8-55. CLKin0_R[13:0]
MSB
LSB
0x153[5:0] / CLKin0_R[13:8]
0x154[7:0] / CLKin0_R[7:0]
These registers contain the value of the CLKin0 divider.
Table 8-56. Registers 0x153 and 0x154
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x153
7:6
NA
0
Reserved
0x153
5:0
CLKin0_R[13:8]
0
The value of PLL1 N counter when CLKin0 is selected.
Field Value
Divide Value
0 (0x00)
Reserved
1 (0x01)
1
0x154
7:0
CLKin0_R[7:0]
120
2 (0x02)
2
...
...
16382 (0x3FFE)
16382
16383 (0x3FFF)
16383
8.6.2.7.2 CLKin1_R
Table 8-57. CLKin1_R[13:0]
MSB
LSB
0x155[5:0] / CLKin1_R[13:8]
0x156[7:0] / CLKin1_R[7:0]
These registers contain the value of the CLKin1 R divider.
Table 8-58. Registers 0x155 and 0x156
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x155
7:6
NA
0
Reserved
0x155
5:0
CLKin1_R[13:8]
0
The value of PLL1 R counter when CLKin1 is selected.
Field Value
Divide Value
0 (0x00)
Reserved
1 (0x01)
1
0x156
7:0
CLKin1_R[7:0]
150
2 (0x02)
2
...
...
16382 (0x3FFE)
16382
16383 (0x3FFF)
16383
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
70
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com