Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 40 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 40 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 36Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 37Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 41Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 42Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 43Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 102 page
background image
Table 8-6. Register Map (continued)
ADDRESS
[14:0]
DATA[7:0]
23:8
7
6
5
4
3
2
1
0
0x13F
PLL2_RCLK_
MUX
0
PLL2_NCLK_
MUX
PLL1_NCLK_MUX
FB_MUX
FB_MUX_EN
0x140
PLL1_PD
VCO_LDO_PD
VCO_PD
OSCin_PD
SYSREF_GBL_
PD
SYSREF_PD
SYSREF_DDLY
_PD
SYSREF_PLSR
_PD
0x141
DDLYd_
SYSREF_EN
DDLYd12_EN
DDLYd10_EN
DDLYd8_EN
DDLYd6_EN
DDLYd4_EN
DDLYd2_EN
DDLYd0_EN
0x142
DDLYd_STEP_CNT
0x143
SYSREF_CLR
SYNC_1SHOT_
EN
SYNC_POL
SYNC_EN
SYNC_PLL2_
DLD
SYNC_PLL1_
DLD
SYNC_MODE
0x144
SYNC_DISSYS
REF
SYNC_DIS12
SYNC_DIS10
SYNC_DIS8
SYNC_DIS6
SYNC_DIS4
SYNC_DIS2
SYNC_DIS0
0x145
2
PLL1R_SYNC_
EN
PLL1R_SYNC_SRC
PLL2R_SYNC_
EN
FIN0_DIV2_EN
FIN0_INPUT_TYPE
0x146
CLKin_SEL_PIN
_EN
CLKin_SEL_PIN
_POL
CLKin2_EN
CLKin1_EN
CLKin0_EN
CLKin2_TYPE
CLKin1_TYPE
CLKin0_TYPE
0x147
CLKin_SEL_
AUTO_
REVERT_EN
CLKin_SEL_
AUTO_EN
CLKin_SEL_MANUAL
CLKin1_DEMUX
CLKin0_DEMUX
0x148
0
0
CLKin_SEL0_MUX
CLKin_SEL0_TYPE
0x149
0
SDIO_RDBK_
TYPE
CLKin_SEL1_MUX
CLKin_SEL1_TYPE
0x14A
0
0
RESET_MUX
RESET_TYPE
0x14B
LOS_TIMEOUT
LOS_EN
TRACK_EN
HOLDOVER_
FORCE
MAN_DAC_EN
MAN_DAC[9:8]
0x14C
MAN_DAC[7:0]
0x14D
0
0
DAC_TRIP_LOW
0x14E
DAC_CLK_MULT
DAC_TRIP_HIGH
0x14F
DAC_CLK_CNTR
0x150
0
CLKin_OVERRI
DE
HOLDOVER_
EXIT_MODE
HOLDOVER_
PLL1_DET
LOS_EXTERNA
L_INPUT
HOLDOVER_
VTUNE_DET
CLKin_SWITCH
_CP_TRI
HOLDOVER_
EN
0x151
0
0
HOLDOVER_DLD_CNT[13:8]
0x152
HOLDOVER_DLD_CNT[7:0]
0x153
0
0
CLKin0_R[13:8]
0x154
CLKin0_R[7:0]
0x155
0
0
CLKin1_R[13:8]
0x156
CLKin1_R[7:0]
0x157
0
0
CLKin2_R[13:8]
0x158
CLKin2_R[7:0]
0x159
0
0
PLL1_N[13:8]
0x15A
PLL1_N[7:0]
0x15B
PLL1_WND_SIZE
PLL1_CP_TRI
PLL1_CP_POL
PLL1_CP_GAIN
0x15C
0
0
PLL1_DLD_CNT[13:8]
0x15D
PLL1_DLD_CNT[7:0]
0x15E
0
0
0
HOLDOVER_EXIT_NADJ
0x15F
PLL1_LD_MUX
PLL1_LD_TYPE
0x160
0
0
0
0
PLL2_R
0x161
PLL2_R
0x162
PLL2_P
0
OSCin_FREQ
PLL2_XTAL_EN
PLL2_REF_2X_
EN
0x163
0
0
0
0
0
0
PLL2_N_CAL[17:16]
0x164
PLL2_N_CAL[15:8]
0x165
PLL2_N_CAL[7:0]
0x166
0
0
0
0
0
0
PLL2_N[17:16]
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
40
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com