Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 73 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 73 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 102 page
background image
8.6.2.7.6 PLL1_DLD_CNT
Table 8-64. PLL1_DLD_CNT[13:0]
MSB
LSB
0x15C[5:0] / PLL1_DLD_CNT[13:8]
0x15D[7:0] / PLL1_DLD_CNT[7:0]
This register contains the value of the PLL1 DLD counter.
Table 8-65. Registers 0x15C and 0x15D
REGISTER
BIT
NAME
POR DEFAULT
DESCRIPTION
0x15C
7:6
NA
0
Reserved
0x15C
5:0
PLL1_DLD
_CNT[13:8]
32
The reference and feedback of PLL1 must be within the
window of phase error as specified by PLL1_WND_SIZE for
this many phase detector cycles before PLL1 digital lock
detect is asserted.
Field Value
Delay Value
0 (0x00)
Reserved
1 (0x01)
1
0x15D
7:0
PLL1_DLD
_CNT[7:0]
0
2 (0x02)
2
3 (0x03)
3
...
...
16,382 (0x3FFE)
16,382
16,383 (0x3FFF)
16,383
8.6.2.7.7 HOLDOVER_EXIT_NADJ
Table 8-66. Register 0x15E
BIT
NAME
POR DEFAULT
DESCRIPTION
7:5
NA
0
Reserved
4:0
HOLDOVER_EXIT_NADJ
30
When holdover exists, PLL1 R counter and PLL1 N
counter are reset. HOLDOVER_EXIT_NADJ is a 2s
complement number which provides a relative timing
offset between PLL1 R and PLL1 N divider.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com