Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 10 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 10 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 6Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 7Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 8Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 9Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 10Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 11Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 12Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 13Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 102 page
background image
VDD, VDD_A = 3.3 V ± 5 %, –55 °C ≤TA ≤ 125 °C. Typical values are at VDD = VDD_A = 3.3 V, 25 °C (unless otherwise
noted)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
LVCMOS Outputs
fCLKOUT
Frequency
5 pF Load
250
MHz
L(f)CLKOUT
Noise Floor
245.76 MHz
20 MHz Offset
–160
dBc/Hz
VOH
Output High Voltage
1 mA load
Vcc–0.1
V
VOL
Output Low Voltage
1 mA load
0.1
V
IOH
Output High Current
FD=1.65V
–28
mA
IOL
Output Low Current
Vd=1.65V
28
mA
ODC
Output Duty Cycle
50
%
LVDS Clock Outputs
L(f)CLKOUT
Noise Floor
245.76 MHz output
20 MHz Offset
–159.5
dBc/Hz
TR/TF
20% to 80% Rise/Fall Time, fOUT≥ 1 GHz
175
ps
VOD
Differential Output Voltage
DC Measurement, AC coupled to receiver input
RL = 100 Ω differential
350
mV
ΔVOD
Change in VOD for complimentary
output states
–60
60
mV
VOS
Output Offset Voltage
1.125
1.25
1.375
V
ΔVOS
Change on VOS for complimentary
Output states
35
mV
ISHORT
Short circuit Output Current
–24
24
mA
LCPECL Clock Outputs
L(f)CLKOUT
Noise Floor
245.76 MHz output
20 MHz Offset
–162.5
dBc/Hz
TR/TF
20% to 80% Rise/Fall Time
fOUT ≥ 1 GHz
135
ps
VOH
Output High Voltage
DC Measurement with
50-Ω to 0.5V
1.4
V
VOL
Output Low Voltage
0.6
V
VOD
Differential Output Voltage
DC Measurement with
50-Ω to 0.5V
870
mV
LVPECL Clock Outputs
L(f)CLKOUT
Noise Floor
245.76 MHz output,
LVPECL 2.0 V
20 MHz Offset
–163
dBc/Hz
TR/TF
20% to 80% Rise/Fall Time
fOUT ≥ 1 GHz
135
ps
VOH
Output High Voltage
DC Measurement
termination 50 Ω to
Vcc-2 V
LVPECL 1.6 V
Vcc–1
V
LVPECL 2.0 V
Vcc–1.1
VOL
Output Low Voltage
LVPECL 1.6 V
Vcc–1.8
V
LVPECL 2.0 V
Vcc–2
VOD
Differential Output Voltage
2.5 GHz, Em = 120
Ω to GND, RL = AC
coupled 100 Ω
LVPECL 1.6 V
0.7
V
LVPECL 2.0 V
0.9
HSDS Clock Outputs
L(f)CLKOUT
Noise Floor
245.76 MHz output
20 MHz Offset
–162
dBc/Hz
TR/TF
20% to 80% Rise/Fall Time
fOUT ≥ 1 GHz
170
ps
VOH
Output High Voltage
DC Measurement with
50 Ω to 0.5V
HSDS 6 mA
Vcc–0.9
V
HSDS 8 mA
Vcc–1.0
VOL
Output Low Voltage
HSDS 6 mA
Vcc–1.5
V
HSDS 8 mA
Vcc–1.7
VOD
Output Voltage
DC Measurement with
50 Ω to 0.5V
HSDS 6 mA
0.5
V
HSDS 8 mA
0.75
ΔVOD
Change on VOS for complimentary
Output states
HSDS 6 mA
–80
80
mV
HSDS 8 mA
–115
115
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
10
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com