Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 42 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 42 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 38Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 39Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 40Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 41Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 42Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 43Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 44Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 45Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 102 page
background image
8.6.2 Device Register Descriptions
The following section details the fields of each register, the Power-On-Reset Defaults, and specific descriptions
of each bit.
In some cases similar fields are located in multiple registers. In this case specific outputs may be designated as
X or Y. In these cases, the X represents even numbers from 0 to 12 and the Y represents odd numbers from 1 to
13. In the case where X and Y are both used in a bit name, then Y = X + 1.
8.6.2.1 System Functions
8.6.2.1.1 RESET, SPI_3WIRE_DIS
This register contains the RESET function and the ability to turn off 3-wire SPI mode. To use a 4-wire SPI mode,
selecting SPI Read back in one of the output MUX settings. For example CLKin0_SEL_MUX or RESET_MUX. It
is possible to have 3-wire and 4-wire readback at the same time.
Table 8-7. Register 0x000
BIT
NAME
POR DEFAULT
DESCRIPTION
7
RESET
0
0: Normal operation
1: Reset (automatically cleared)
6:5
NA
0
Reserved
4
SPI_3WIRE_DIS
0
Disable 3-wire SPI mode.
0: 3 Wire Mode enabled
1: 3 Wire Mode disabled
3:0
NA
NA
Reserved
8.6.2.1.2 POWERDOWN
This register contains the POWERDOWN function.
Table 8-8. Register 0x002
BIT
NAME
POR DEFAULT
DESCRIPTION
7:1
NA
0
Reserved
0
POWERDOWN
0
0: Normal operation
1: Power down device.
8.6.2.1.3 ID_DEVICE_TYPE
This register contains the product device type. This is read only register.
Table 8-9. Register 0x003
BIT
NAME
POR DEFAULT
DESCRIPTION
7:0
ID_DEVICE_TYPE
6
PLL product device type.
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
42
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com