Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 72 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 72 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 68Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 69Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 70Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 71Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 72Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 73Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 74Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 75Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 76Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 102 page
background image
8.6.2.7.5 PLL1_WND_SIZE, PLL1_CP_TRI, PLL1_CP_POL, PLL1_CP_GAIN
This register controls the PLL1 phase detector.
Table 8-63. Register 0x15B
BIT
NAME
POR DEFAULT
DESCRIPTION
7:6
PLL1_WND_SIZE
3
PLL1_WND_SIZE sets the window size used for digital lock detect for PLL1.
If the phase error between the reference and feedback of PLL1 is less than
specified time, then the PLL1 lock counter increments.
Field Value
Definition
0 (0x00)
4 ns
1 (0x01)
9 ns
2 (0x02)
19 ns
3 (0x03)
43 ns
5
PLL1_CP_TRI
0
This bit allows for the PLL1 charge pump output pin, CPout1, to be placed into
TRI-STATE.
0: PLL1 CPout1 is active
1: PLL1 CPout1 is at TRI-STATE
4
PLL1_CP_POL
1
PLL1_CP_POL sets the charge pump polarity for PLL1. Many VCXOs use
positive slope.
A positive slope VCXO increases output frequency with increasing voltage. A
negative slope VCXO decreases output frequency with increasing voltage.
0: Negative Slope VCO/VCXO
1: Positive Slope VCO/VCXO
3:0
PLL1_CP_GAIN
4
This bit programs the PLL1 charge pump output current level.
Field Value
Gain
0 (0x00)
50 µA
1 (0x01)
150 µA
2 (0x02)
250 µA
3 (0x03)
350 µA
4 (0x04)
450 µA
...
...
14 (0x0E)
1450 µA
15 (0x0F)
1550 µA
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
72
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com