Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 91 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 91 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 87Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 88Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 89Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 90Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 91Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 92Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 93Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 94Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 95Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 102 page
background image
9.3 Power Supply Recommendations
9.3.1 Current Consumption
Current consumption varies considerably with the number of outputs and output formats. This can be calculated
the TI TICSPro software.
9.3.2 Cold Sparing Considerations
Figure 9-8 below demonstrates how this part can be used for cold sparing
220
Powered
LMK Device
Unpowered LMK
Device
(acting as cold spare)
CLKinX
+
–
VCC1 = 3.3V ± 0.3V
+
–
VCC2 = 0V
Output of LMK
Device configured
as CMOS
CLKINX or SYNC
Copyright © 2022, Texas Instruments Incorporated
Figure 9-8. Cold Sparing Devices Setup
9.3.2.1 Damage Prevention Details to Unpowered Device
Setting two devices in a cold sparing setup leads to the unpowered device receiving DC-coupled LVCMOS
pulses on the CLKIN0 or SYNC inputs periodically throughout the lifetime of the unpowered device. The
cumulative lifetime limit for the unpowered device DC input current is 10 hours at maximum junction
temperature. Also, the device can remain within specifications for much longer than this limit if the typical
cold-spare junction temperature is lower than maximum junction temperature. However, by placing a 220-Ω in
series between the output of the poweredde to the inputs of the unpowered devP, even when connected to a
3.3-V or 3.6-V powered system, DC pulses from the powered device do not damage the unpowered device.
DC-coupling 3.3V or 3.6-V I/O can occur without the transmitter for the SYNC signal failing high and destroying
the receiver, or any other circuitry within the unpowered device. Also, the 220-Ω resistor limits the current to
about 7 mA, with less than 12 mW dissipated onto the unpowered device.
Additionally, if CLKIN is damaged or fails short in one of the CLKIN paths with the 220-Ω resistor in series to
ground on the fault path, the current is limited. The initial damage won't short to the outputs of the transmitter
powered device, and therefore, no damage occurs to the rest of the system. The inputs and outputs of each
device have separate power supply pins that are not connected internally; therefore, if the unpowered device
is powered, no issues can occur to the outputs, even if one of the inputs is damaged over the lifetime of the
unpowered device.
When driving the CLKINx or OSCin inputs of an unpowered device, signal levels up to ± 400 mV can be
AC-coupled through 0.01 µF across the operating frequency range. Under these constraints, the magnitude of
the RMS currents injected into the CLKinX ESD structures is within acceptable power and current limits across
the full junction temperature range and won't cause long-term degradation of function. Larger amplitudes, higher
frequencies, or different coupling capacitors can be acceptable as long as the signal is AC-coupled and the
unpowered current limit of 7 mA going into or coming out of the CLKIN or OSCIN pins is observed.
www.ti.com
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
91
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com