Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMK04832PAP/EM Datasheet(PDF) 56 Page - Texas Instruments

Part # LMK04832PAP/EM
Description  LMK04832-SEP Space Grade Ultra-Low-Noise JESD204B/C Dual-Loop Clock Jitter Cleaner
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LMK04832PAP/EM Datasheet(HTML) 56 Page - Texas Instruments

Back Button LMK04832PAP/EM Datasheet HTML 52Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 53Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 54Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 55Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 56Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 57Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 58Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 59Page - Texas Instruments LMK04832PAP/EM Datasheet HTML 60Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 102 page
background image
8.6.2.3.7 PLL1_PD, VCO_LDO_PD, VCO_PD, OSCin_PD, SYSREF_GBL_PD, SYSREF_PD, SYSREF_DDLY_PD,
SYSREF_PLSR_PD
This register contains power-down controls for OSCIN and SYSREF functions.
Table 8-36. Register 0x140
BIT
NAME
POR DEFAULT
DESCRIPTION
7
PLL1_PD
1
Power down PLL1
0: Normal operation
1: Power down
6
VCO_LDO_PD
1
Power down VCO_LDO
0: Normal operation
1: Power down
5
VCO_PD
1
Power down VCO
0: Normal operation
1: Power down
4
OSCin_PD
0
Power down the OSCIN port.
0: Normal operation
1: Power down
3
SYSREF_GBL_PD
0
Power down individual SYSREF outputs depending on the setting of
SCLKX_Y_DIS_MODE for each SYSREF output. SYSREF_GBL_PD allows
many SYSREF outputs to be controlled through a single bit.
0: Normal operation
1: Activate Power down Mode
2
SYSREF_PD
0
Power down the SYSREF circuitry and divider. If powered down, SYSREF
output mode cannot be used. SYNC cannot be provided either.
0: SYSREF can be used as programmed by individual SYSREF output
registers.
1: Power down
1
SYSREF_DDLY_PD
0
Power down the SYSREF digital delay circuitry.
0: Normal operation, SYSREF digital delay may be used. Must be powered up
during SYNC for deterministic phase relationship with other clocks.
1: Power down
0
SYSREF_PLSR_PD
0
Power down the SYSREF pulse generator.
0: Normal operation
1: Power down
LMK04832-SEP
SNAS838A – OCTOBER 2022 – REVISED NOVEMBER 2022
www.ti.com
56
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: LMK04832-SEP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com